Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137FV30LL-45BVXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62137FV30LL-45BVXI
Description  2-Mbit (128K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137FV30LL-45BVXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62137FV30LL-45BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62137FV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62137FV30 MoBL®
Document Number: 001-07141 Rev. *E
Page 2 of 12
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2
(
µA)
f = 1MHz
f = fmax
Min
Typ [1]
Max
Typ [1]
Max
Typ [1]
Max
Typ [1]
Max
CY62137FV30LL
Ind’l/Auto-A
2.2V
3.0V
3.6V
45
1.6
2.5
13
18
1
5
Auto-E
2.2V
3.0V
3.6V
55
2
3
15
25
1
20
Pin Configuration
Figure 1. 48-Ball VFBGA Pinout [2, 3]
Figure 2. 44-Pin TSOP II [2]
WE
A11
A10
A6
A0
A3
CE
IO10
IO8
IO9
A4
A5
IO11
IO13
IO12
IO14
IO15
VSS
A9
A8
OE
A7
IO0
BHE
NC
NC
A2
A1
BLE
IO2
IO1
IO3
IO4
IO5
IO6
IO7
A15
A14
A13
A12
NC
NC
NC
3
26
5
4
1
D
E
B
A
C
F
G
H
A16
NC
VCC
VCC
VSS
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
A6
A7
A4
A3
A2
A1
A0
A14
A15
A8
A9
A10
A11
A12
A13
NC
OE
BHE
BLE
CE
WE
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
IO8
IO9
IO10
IO11
IO12
IO13
IO14
IO15
VCC
VCC
VSS
VSS
NC
10
A16
Notes
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
2. NC pins are not connected on the die.
3. Pins D3, H1, G2, and H6 in the VFBGA package are address expansion pins for 4 Mb, 8 Mb, 16 Mb, and 32 Mb, respectively.


Similar Part No. - CY62137FV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30LL-45BVXI CYPRESS-CY62137FV30LL-45BVXI Datasheet
353Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-45BVXI CYPRESS-CY62137FV30LL-45BVXI Datasheet
376Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-45BVXI CYPRESS-CY62137FV30LL-45BVXI Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-45BVXI CYPRESS-CY62137FV30LL-45BVXI Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62137FV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com