Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVS5Y4CR44 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVS5Y4CR44
Description  5-Watt SMD 6x6mm 40째 Viewing Angle
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5Y4CR44 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVS5Y4CR44 Datasheet HTML 1Page - OPTEK Technologies OVS5Y4CR44 Datasheet HTML 2Page - OPTEK Technologies OVS5Y4CR44 Datasheet HTML 3Page - OPTEK Technologies OVS5Y4CR44 Datasheet HTML 4Page - OPTEK Technologies OVS5Y4CR44 Datasheet HTML 5Page - OPTEK Technologies OVS5Y4CR44 Datasheet HTML 6Page - OPTEK Technologies OVS5Y4CR44 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 1/07
Page 2 of 7
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Absolute Maximum Ratings T
A = 25°C
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal conductivity = 20K/W
DC Forward Current
175mA
Peak Pulsed Forward Current
1
500mA
Reverse Voltage
15V
Junction Temperature
2
Power Dissipation
525mW
Storage and Operating Temperature
-40°~ +100 °C
ESD Threshold (HBM)
2000V
125°C
Standard Bins (I
F = 175 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength (λD) shown. Orders may be filled with any or
all bins contained as below.
.5-Watt SMD 6X6mm
OVS5X4CR44 Series
Optical and Electrical Characteristics (I
F = 175mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
----
2.2
2.8
V
Φ
Luminous Flux
Red
----
8
----
lm
Yellow
----
11
----
lm
Luminous Intensity
Red
7150
9000
11250
cd
Yellow
11250
14000
18000
cd
IR
Reverse Current at 15V
----
100
----
µA
2 Θ½
50% Power Angle
----
40
----
deg
IV
OVS5R4CR44 (RED)
Dominant Wavelength (nm)
AB
AA
620
630
7150
9000
11250


Similar Part No. - OVS5Y4CR44

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5Y4CR44 TTELEC-OVS5Y4CR44 Datasheet
524Kb / 7P
   5-Watt SMD 6x6mm
More results

Similar Description - OVS5Y4CR44

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5X4CR44 TTELEC-OVS5X4CR44 Datasheet
524Kb / 7P
   5-Watt SMD 6x6mm
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVS3WBCR4 OPTEK-OVS3WBCR4 Datasheet
648Kb / 9P
   3-Watt SMD 6x6mm White
logo
TT Electronics.
OVS3W TTELEC-OVS3W Datasheet
1Mb / 9P
   3-Watt SMD 6x6mm White
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
   1-Watt SMD 6x6mm With Dome Lens
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
   White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com