Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVS5R4CR44 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OVS5R4CR44
Description  5-Watt SMD 6x6mm 40째 Viewing Angle
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5R4CR44 Datasheet(HTML) 6 Page - OPTEK Technologies

  OVS5R4CR44 Datasheet HTML 1Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 2Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 3Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 4Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 5Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 6Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 1/07
Page 6 of 7
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
2±0.01
4±0.1
12±0.1
6.45±0.1
0.343±0.02
.5-Watt SMD 6X6mm
OVS5X4CR44 Series
5.08±0.1
Taping and Orientation—Dome Lens
Loaded quantity 1000 pieces per reel
Ø1
.5
+0.
25
-0
18.4 (max.measure at hub)
12.
+2
Label
C
A
Reel Dimensions (13 inch)


Similar Part No. - OVS5R4CR44

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5R4CR44 TTELEC-OVS5R4CR44 Datasheet
524Kb / 7P
   5-Watt SMD 6x6mm
More results

Similar Description - OVS5R4CR44

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5X4CR44 TTELEC-OVS5X4CR44 Datasheet
524Kb / 7P
   5-Watt SMD 6x6mm
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVS3WBCR4 OPTEK-OVS3WBCR4 Datasheet
648Kb / 9P
   3-Watt SMD 6x6mm White
logo
TT Electronics.
OVS3W TTELEC-OVS3W Datasheet
1Mb / 9P
   3-Watt SMD 6x6mm White
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
   1-Watt SMD 6x6mm With Dome Lens
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
   White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com