Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7358M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA7358M
Description  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7358M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA7358M Datasheet HTML 2Page - Sanyo Semicon Device LA7358M Datasheet HTML 3Page - Sanyo Semicon Device LA7358M Datasheet HTML 4Page - Sanyo Semicon Device LA7358M Datasheet HTML 5Page - Sanyo Semicon Device LA7358M Datasheet HTML 6Page - Sanyo Semicon Device LA7358M Datasheet HTML 7Page - Sanyo Semicon Device LA7358M Datasheet HTML 8Page - Sanyo Semicon Device LA7358M Datasheet HTML 9Page - Sanyo Semicon Device LA7358M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LA7358M
No.A0247-6/17
Continued from preceding page.
Ratings
Parameter
Symbol
Input
Test
point
Conditions
min
typ
max
Unit
PB mode phase detection
output differential voltage (2)
VSCPD2
S14
T25
T26
V5 = 0V, SW9B = ON, V17 = 5V,
S29 = Comp.Sync
S14 = sine wave
(50mVp-p, f = 627kHz) (Note14)
100
mV
PB mode phase detection
output differential voltage (3)
VSCPD3
S14
T25
T26
V5 = 0V, SW9B = ON, 17 = 5V,
S29 = Comp.Sync S14 = sine wave
(50mVp-p, f = 0.7/1.04MHz)
(Note14)
100
mV
PB mode SECAM detection
characteristics (1)
VSCMP1
V25
V26
T28
V17 = 5V, SW25 = SW26 = ON
(Note15)
4.5
V
PB mode SECAM detection
characteristics (2)
VSCMP2
V25
V26
T28
V17 = 5V, SW25 = SW26 = ON
(Note15)
0.5
V
PB mode SECAM detection
characteristics (3)
VSCMP3
V25
V26
T28
V17 = 5V, SW25 = SW26 = ON
(Note15)
0.5
V
SECAM
detection comparator
threshold voltage
VTCOMP
V27
T28
SW27 = ON
3.2
3.5
3.8
V
REC/PB control
threshold voltage
VTRP
V17
2.3
2.5
2.7
V
Forced SECAM mode
threshold voltage
VTHSM
V1
T18
V17 = 0V, SW27 = ON, V27 = 3V
S29 = Comp.Sync S16 = sine wave
(200mVp-p, f = 4.286MHz)
4V
Forced MUTE mode
threshold voltage
VTHMM
V1
T18
V17 = 0V, SW27 = ON, V27 = 4V
S29 = Comp.Sync S16 = sine wave
(200mVp-p, f = 4.286MHz)
1
V
Reference voltage
VREG
V13
T13
4.1
4.3
4.5
V


Similar Part No. - LA7358M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7356 SANYO-LA7356 Datasheet
139Kb / 6P
   For Use in VCR Products PAL/SECAM (MESECAM) Discrimination IC
LA7356M SANYO-LA7356M Datasheet
139Kb / 6P
   For Use in VCR Products PAL/SECAM (MESECAM) Discrimination IC
LA7357 SANYO-LA7357 Datasheet
105Kb / 6P
   PAL/SECAM Discrimination Circuit for VHS VCRs
More results

Similar Description - LA7358M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com