Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPS2-T2201R0 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # FPS2-T2201R0
Description  Small Dimensions Extremly Low-Ohm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

FPS2-T2201R0 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  FPS2-T2201R0 Datasheet HTML 1Page - Willow Technologies Ltd FPS2-T2201R0 Datasheet HTML 2Page - Willow Technologies Ltd FPS2-T2201R0 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
20
40
60
80
100
120
25
50
85
100
115
130
Tem perature of the backplate (°C)
0,5%
0,1%
0,2%
%
0
50
100
150
200
250
Resistance Value (mOhm)
-7000
-6000
-5000
-4000
-3000
-2000
-1000
0
1000
2000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
- 15 ppm/K
+ 15 ppm/K
Nominal dR/R
Limit 2 (3
σ)
Limit 1 (3
σ)
FPR / FPS
2-T220 4-T220 2-T221 4-T221
TEMPERATURE COEFFICIENT
DERATING CURVE
DIMENSIONS
FPR 2-T220
FPR 4-T220
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - FPS2-T2201R0

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPS2-T220 RIEDON-FPS2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FPS2-T220 RIEDON-FPS2-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPS2-T220 RIEDON-FPS2-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
More results

Similar Description - FPS2-T2201R0

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPR2-1617 WILLOW-FPR2-1617 Datasheet
229Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-2321 WILLOW-FPR4-2321 Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-14 WILLOW-FPR4-14 Datasheet
101Kb / 2P
   Highest Stability Extremly Low-Ohm
FPR2-T218 WILLOW-FPR2-T218 Datasheet
291Kb / 2P
   High Stability Extremly Low-Ohm
logo
Kemet Corporation
PHE840M KEMET-PHE840M Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
logo
TEMIC Semiconductors
U644B TEMIC-U644B Datasheet
202Kb / 6P
   Flasher, 18-m Shunt, Extremly Low Current Consumption
logo
Kemet Corporation
PHE850EA4100MA06R17 KEMET-PHE850EA4100MA06R17 Datasheet
409Kb / 2P
   New, small dimensions including low profile capacitors
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
List of Unclassifed Man...
PHE840M ETC2-PHE840M Datasheet
55Kb / 3P
   New, small dimensions including low profile capacitors
logo
Surge Components
SES3V3D923-2U SURGE-SES3V3D923-2U Datasheet
504Kb / 5P
   Small Body Outline Dimensions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com