Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128BNLL-70SXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62128BNLL-70SXI
Description  1-Mbit (128K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BNLL-70SXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62128BNLL-70SXI Datasheet HTML 1Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 2Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 3Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 4Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 5Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 6Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 7Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 8Page - Cypress Semiconductor CY62128BNLL-70SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62128BN
MoBL®
Document #: 001-06498 Rev. *A
Page 3 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[3] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State[3] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[3].................................–0.5V to VCC + 0.5V
Current into Outputs (LOW) .........................................20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)
[4]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
Automotive-A
–40
°C to +85°C
Automotive-E
–40
°C to +125°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-55
-70
Unit
Min.
Typ.[2]
Max.
Min.
Typ.[2]
Max.
VOH
Output HIGH
Voltage
VCC = Min., IOH = –1.0 mA
2.4
2.4
V
VOL
Output LOW Voltage VCC = Min., IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+ 0.3
2.2
VCC
+ 0.3
V
VIL
Input LOW Voltage[3]
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage
Current
GND
≤ V
I ≤ VCC
Commercial/
Industrial
–1
+1
–1
+1
µA
Automotive-A
–1
+1
µA
Automotive-E
–10
+10
µA
IOZ
Output Leakage
Current
GND
≤ V
I ≤ VCC,
Output Disabled
Commercial/
Industrial
–1
+1
–1
+1
µA
Automotive-A
–1
+1
µA
Automotive-E
–10
+10
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Commercial/
Industrial
7.5
20
6
15
mA
Automotive-A
615
mA
Automotive-E
625
mA
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC, CE1 ≥ VIH
or CE2 < VIL,
VIN ≥ VIH or
VIN ≤ VIL, f = fMAX
Commercial/
Industrial
0.1
20.1
1
mA
Automotive-A
0.1
1
mA
Automotive-E
0.1
2
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE1 ≥ VCC – 0.3V,
or CE2 ≤ 0.3V,
VIN ≥ VCC – 0.3V,
or VIN ≤ 0.3V, f = 0
Commercial/
Industrial
2.5
15
2.5
15
µA
Automotive-A
2.5
15
µA
Automotive-E
2.5
25
µA
Notes:
3. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
4. TA is the “Instant On” case temperature.
[+] Feedback
[+] Feedback


Similar Part No. - CY62128BNLL-70SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BNLL-70SXI CYPRESS-CY62128BNLL-70SXI Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BNLL-70SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com