Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVSPWBCR4 Datasheet(PDF) 8 Page - OPTEK Technologies

Part # OVSPWBCR4
Description  1-Watt SMD 6mm (120째 Viewing Angle)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPWBCR4 Datasheet(HTML) 8 Page - OPTEK Technologies

Back Button OVSPWBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 6Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 7Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 8Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 9Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 10Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 11Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.2 11/06
Page 8 of 11
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD 6mm
OVSPxBCR4 Series
Radiation Pattern—All Colors
Solder Pad Design
Note: Metal core circuit board (MCPCB) is highly recommended for high density applications. Please consult sales
and marketing for additional information.
Polarity varies with color.
Please see Page 1.


Similar Part No. - OVSPWBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPWBCR44 OPTEK-OVSPWBCR44 Datasheet
601Kb / 9P
   1-Watt SMD 6mm With Dome Lens
logo
TT Electronics.
OVSPWBCR44 TTELEC-OVSPWBCR44 Datasheet
1Mb / 11P
   1-Watt SMD 6mm With Dome Lens
More results

Similar Description - OVSPWBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
OVSPRGBCR4 OPTEK-OVSPRGBCR4 Datasheet
820Kb / 6P
   Full-color Power SMD 6mm (130째 Viewing Angle)
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
   Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSPRBCR44 OPTEK-OVSPRBCR44 Datasheet
601Kb / 9P
   1-Watt SMD 6mm With Dome Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com