Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHR4-8080 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # FHR4-8080
Description  High Stability Power Rating from to 1000A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

FHR4-8080 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  FHR4-8080 Datasheet HTML 1Page - Willow Technologies Ltd FHR4-8080 Datasheet HTML 2Page - Willow Technologies Ltd FHR4-8080 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HOW TO ORDER
FHR 2-120120 0R00005 5%
FHR 4-8080 0R0001 2%
FHR 4-6520 0R0005 2%
DIMENSIONS
FHR2/4 - 120120
FHR2/4 - 128120
FHR2/4 - 7580
FHR2/4 - 8080
FHR2/4 - 7050
FHR2/4 - 7750
FHR2/4 - 10050
FHR2/4 - 6520
FHR2/4 - 10020
FHR 2/4-6520 ... 120120
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - FHR4-8080

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FHR4-80110 WILLOW-FHR4-80110 Datasheet
113Kb / 2P
   High Stability Power Rating from to 2500 W
logo
Riedon Powertron
FHR4-80110 RIEDON-FHR4-80110 Datasheet
387Kb / 5P
   Precision Power Shunt Resistors
logo
Willow Technologies Ltd
FHR4-801100R1D WILLOW-FHR4-801100R1D Datasheet
113Kb / 2P
   High Stability Power Rating from to 2500 W
FHR4-80216 WILLOW-FHR4-80216 Datasheet
113Kb / 2P
   High Stability Power Rating from to 2500 W
logo
Riedon Powertron
FHR4-80216 RIEDON-FHR4-80216 Datasheet
387Kb / 5P
   Precision Power Shunt Resistors
More results

Similar Description - FHR4-8080

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FHR4-8065 WILLOW-FHR4-8065 Datasheet
113Kb / 2P
   High Stability Power Rating from to 2500 W
FHR2-T238 WILLOW-FHR2-T238 Datasheet
217Kb / 3P
   High Stability Extremely Low Ohm Rating
logo
List of Unclassifed Man...
CI35P-30E240-C-10X ETC-CI35P-30E240-C-10X Datasheet
290Kb / 1P
   Updated IP rating to IP68 from IP67.
5-2021
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7612 AVAGO-ACMD-7612 Datasheet
783Kb / 12P
   High power rating
ACMD-7617 AVAGO-ACMD-7617 Datasheet
488Kb / 14P
   High Power Rating
logo
Epson Company
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
   HIGH STABILITY
logo
CRYSTEK CORPORATION
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
   High Stability
logo
Epson Company
TG-5006CG EPSON-TG-5006CG Datasheet
393Kb / 2P
   HIGH STABILITY
TG2016SBN EPSON-TG2016SBN Datasheet
632Kb / 2P
   HIGH STABILITY
TG-5035CJ EPSON-TG-5035CJ Datasheet
452Kb / 2P
   HIGH STABILITY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com