Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25403FSXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25403FSXI
Description  Three PLL Programmable Clock Generator with Spread Spectrum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25403FSXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25403FSXI Datasheet HTML 1Page - Cypress Semiconductor CY25403FSXI Datasheet HTML 2Page - Cypress Semiconductor CY25403FSXI Datasheet HTML 3Page - Cypress Semiconductor CY25403FSXI Datasheet HTML 4Page - Cypress Semiconductor CY25403FSXI Datasheet HTML 5Page - Cypress Semiconductor CY25403FSXI Datasheet HTML 6Page - Cypress Semiconductor CY25403FSXI Datasheet HTML 7Page - Cypress Semiconductor CY25403FSXI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRELIMINARY
CY25403
CY25423
Document #: 001-12564 Rev. *A
Page 3 of 8
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Supply Voltage
–0.5
4.5
V
VIN
Input Voltage
Relative to VSS
–0.5
VDD + 0.5 VDC
TS
Temperature, Storage
Non Functional
–65
+150
°C
ESDHBM
ESD Protection (Human
Body Model)
MIL-STD-883, Method 3015
2000
Volts
UL-94
Flammability Rating
@1/8 in.
V-0
MSL
Moisture Sensitivity Level
SOIC package
1
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max. Unit
VDD1
Operating Voltage, 3.3V
3.0
3.6
V
VDD2
Operating Voltage, 3.0V
2.7
3.3
V
VDD3
Operating Voltage, 2.5V
2.25
2.75
V
VDD4
Operating Voltage, 1.8V
1.65
1.95
V
TAC
Commercial Ambient Temperature
0
+70
°C
TAI
Industrial Ambient Temperature
–40
+85
°C
CLOAD
Max. Load Capacitance
15
pF
tPU
Power-up time for all VDD pins to reach minimum specified voltage (power ramps must
be monotonic)
0.05
500
ms
DC Electrical Specifications
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOL
Output Low Voltage, All CLK pins
All VDD levels, IOL = 8 mA
0
0.4
V
VOH
Output High Voltage, All CLK pins
All VDD levels, IOH = –8 mA
VDD – 0.4
VDD
V
VIL
All Inputs except XIN
All VDD levels
–0.3
0.2 * VDD
V
VIH
All Inputs except XIN
All VDD levels
0.8 * VDD
–VDD + 0.3
V
VILX
Input Low Voltage, clock input to XIN pin
All VDD levels
–0.3
0.36
V
VIHX
Input High Voltage, clock input to XIN pin
All VDD levels
1.44
2.0
V
IILPDOE
Input Low Current, PD#/OE and FS0,1 pins VIN = VSS
(Internal pull up = 100k typical)
––
10
μA
IIHPDOE
Input High Current, PD#/OE and FS0,1 pins VIN = VDD
(Internal pull up = 100k typical)
––
1
μA
IILSR
Input Low Current, SSON pin
VIN = VSS
(Internal pull down = 100k typical)
––
1
μA
IIHSR
Input High Current, SSON pin
VIN = VDD
(Internal pull down = 100k typical)
––
10
μA
IDD
[1]
Supply Current
All clocks running, CL = 0
––
17
mA
CIN
Input Capacitance - All inputs except XIN
SSON, OE, PD# or FS inputs
––
7
pF
Note
1. Configuration dependent.
[+] Feedback
[+] Feedback


Similar Part No. - CY25403FSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXC CYPRESS-CY25403SXC Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXCT CYPRESS-CY25403SXCT Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXI CYPRESS-CY25403SXI Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403SXIT CYPRESS-CY25403SXIT Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25403FSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com