Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22800-018A Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22800-018A
Description  Universal Programmable Clock Generator (UPCG)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-018A Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22800-018A Datasheet HTML 1Page - Cypress Semiconductor CY22800-018A Datasheet HTML 2Page - Cypress Semiconductor CY22800-018A Datasheet HTML 3Page - Cypress Semiconductor CY22800-018A Datasheet HTML 4Page - Cypress Semiconductor CY22800-018A Datasheet HTML 5Page - Cypress Semiconductor CY22800-018A Datasheet HTML 6Page - Cypress Semiconductor CY22800-018A Datasheet HTML 7Page - Cypress Semiconductor CY22800-018A Datasheet HTML 8Page - Cypress Semiconductor CY22800-018A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Universal Programmable Clock
Generator (UPCG)
CY22800
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07704 Rev. *A
Revised May 11, 2007
Features
• Spread Spectrum, VCXO, and Frequency Select
• Input frequency range:
— Crystal: 8–30 MHz
— CLKIN: 0.5–100 MHz
• Output frequency:
— Commercial: 1–200 MHz
— Industrial: 1–166 MHz
• Integrated phase-locked loop
• Low jitter, high accuracy outputs
• 3.3V operation
• 8-pin SOIC package
Benefits
• Inventory of only one device, CY22800, is needed in various
applications such as HDTV, STB, DVDR, etc.
• Multiple predefined configurations that can be programmed
into a single chip
• Eliminates the need for expensive and difficult to use
higher-order crystal
• High-performance PLL tailored for multiple applications
• Meets critical timing requirements in complex system
designs
• Enables application compatibility
• Allows up to three different frequency selects
Logic Block Diagram
8-pin SOIC
1
2
3
4
XOUT
CLKB/FS1
VSS
CLKC/FS2/VSS
CLKA/FS0
5
6
7
8
VDD
XIN/CLKIN
FS0/VCXO
CY22800
Pin Configuration
XOUT
PLL
OSC
Q
P
VCO
VDD
VSS
Φ
CLKC
FS1
FS0
OUTPUT
DIVIDER
CLKB
(with modulation control)
XIN/CLKIN
CLKA
FS2
VCXO
Pin Description
Name
Pin Number
Description
XIN
1
Reference Input; Crystal or External Clock
VDD
2
3.3V Voltage Supply
FS0/VCXO
3
Frequency Select 0/VCXO Analog Control Voltage[1]
VSS
4
Ground
CLKB/FS1
5
Clock Output B/Frequency Select 1[1]
CLKA/FS0
6
Clock Output A/Frequency Select 0[1]
CLKC/FS2/VSS
7
Clock Output C/Frequency Select 2/VSS[1]
XOUT
8
Reference Output (No Connect when the reference is a clock)
Note
1. Pin definition changes for different configurations. Refer to the specific one-page data sheet for more details.
[+] Feedback
[+] Feedback


Similar Part No. - CY22800-018A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800FXC CYPRESS-CY22800FXC Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22800-018A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com