Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1524AV18-167BZI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1524AV18-167BZI
Description  72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1524AV18-167BZI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1524AV18-167BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1524AV18-167BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PRELIMINARY
CY7C1522AV18
CY7C1529AV18
CY7C1523AV18
CY7C1524AV18
Document #: 001-06981 Rev. *B
Page 3 of 28
Selection Guide
300 MHz
278 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
300
278
250
200
167
MHz
Maximum Operating Current
900
860
800
700
650
mA
Logic Block Diagram (CY7C1523AV18)
2M x 18
CLK
A(20:0)
Gen.
K
K
Control
Logic
Address
Register
D[17:0]
Read Data Reg.
LD
Q[17:0]
Control
Logic
Reg.
Reg.
Reg.
18
18
36
Write
18
BWS0
VREF
Data Reg
Write
Data Reg
Memory
Array
2M x 18
Memory
Array
18
18
21
18
C
C
BWS1
R/W
LD
R/W
CQ
CQ
DOFF
Logic Block Diagram (CY7C1524AV18)
1M x 36
CLK
A(19:0)
Gen.
K
K
Control
Logic
Address
Register
D[35:0]
Read Data Reg.
LD
Q[35:0]
Control
Logic
Reg.
Reg.
Reg.
36
36
72
Write
36
BWS[3:0]
VREF
Data Reg
Write
Data Reg
Memory
Array
1M x 36
Memory
Array
36
36
20
36
C
C
R/W
LD
R/W
CQ
CQ
DOFF
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1524AV18-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1524AV18-167BZI CYPRESS-CY7C1524AV18-167BZI Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1524AV18-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522JV18 CYPRESS-CY7C1522JV18 Datasheet
664Kb / 27P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522KV18 CYPRESS-CY7C1522KV18 Datasheet
888Kb / 31P
   72-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com