Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1523AV18-167BZI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1523AV18-167BZI
Description  72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1523AV18-167BZI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1523AV18-167BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1523AV18-167BZI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PRELIMINARY
CY7C1522AV18
CY7C1529AV18
CY7C1523AV18
CY7C1524AV18
Document #: 001-06981 Rev. *B
Page 9 of 28
DLL
These chips utilize a Delay Lock Loop (DLL) that is designed
to function between 80 MHz and the specified maximum clock
frequency. During power-up, when the DOFF is tied HIGH, the
DLL gets locked after 1024 cycles of stable clock. The DLL can
also be reset by slowing or stopping the input clock K and K
for a minimum of 30 ns. However, it is not necessary for the
DLL to be specifically reset in order to lock the DLL to the
desired frequency. The DLL will automatically lock 1024 clock
cycles after a stable clock is presented.the DLL may be
disabled by applying ground to the DOFF pin. When the DLL
is turned off, the device will behave in DDR-I mode (with one
cycle latency and a longer access time). For information refer
to
the
application
note
“DLL
Considerations
in
QDRII™/DDRII”.
Application Example[2]
Truth Table[3, 4, 5, 6, 7, 8]
Operation
K
LD
R/W
DQ
DQ
Write Cycle:
Load address; wait one cycle; input write data on
consecutive K and K rising edges.
L-H
L
L
D(A + 0) at K(t + 1)
↑ D(A + 1) at K(t + 1) ↑
Read Cycle:
Load address; wait one and a half cycle; read data
on consecutive C and C rising edges.
L-H
L
H
Q(A + 0) at C(t + 1)
↑ Q(A + 1) at C(t + 2) ↑
NOP: No Operation
L-H
H
X
High-Z
High-Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Notes:
2. The above application shows four DDR-II SIO being used.
3. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
4. Device will power-up deselected and the outputs in a tri-state condition.
5. “A” represents address location latched by the devices when transaction was initiated. A + 0, A + 1 represents the internal address sequence in the burst.
6. “t” represents the cycle at which a Read/Write operation is started. t+1, t + 2 and t +3 are the first, second and third clock cycles succeeding the “t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
8. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
LD
#
R/W
#
B
W
#
Vt = VREF
CC#
CQ
CQ#
K#
ZQ
Q
D
K
CC# K
BUS
MASTER
(CPU
or
ASIC)
SRAM 1
SRAM 4
DATA IN
DATA OUT
Address
LD#
R/W#
BWS#
SRAM 1 Input CQ
SRAM 1 Input CQ#
SRAM 4 Input CQ
SRAM 4 Input CQ#
Source K
Source K#
Delayed K
Delayed K#
R = 50 Ohms
R = 250 Ohms
CQ
CQ#
K#
ZQ
Q
LD
#
R/W
#
B
W
S
#
LD
#
R/W
#
Vt
Vt
Vt
R
R
R
A
A
D
R = 250 Ohms
B
W
S
#
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1523AV18-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1523AV18-167BZI CYPRESS-CY7C1523AV18-167BZI Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1523AV18-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522JV18 CYPRESS-CY7C1522JV18 Datasheet
664Kb / 27P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522KV18 CYPRESS-CY7C1522KV18 Datasheet
888Kb / 31P
   72-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com