Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61027DRC Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61027DRC
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61027DRC Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61027DRC Datasheet HTML 2Page - Texas Instruments TPS61027DRC Datasheet HTML 3Page - Texas Instruments TPS61027DRC Datasheet HTML 4Page - Texas Instruments TPS61027DRC Datasheet HTML 5Page - Texas Instruments TPS61027DRC Datasheet HTML 6Page - Texas Instruments TPS61027DRC Datasheet HTML 7Page - Texas Instruments TPS61027DRC Datasheet HTML 8Page - Texas Instruments TPS61027DRC Datasheet HTML 9Page - Texas Instruments TPS61027DRC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SW
C1
10
µF
Power
Supply
L1
6.8
µH
R1
R2
VBAT
VOUT
FB
C2
2.2
µF
C3
47
µF
LBO
PGND
LBI
PS
EN
GND
TPS6102x
List of Components:
U1 = TPS6102xDRC
L1 = EPCOS B82462−G4682
C1, C2 = X7R/X5R Ceramic
C3 = Low ESR Tantalum
VCC
Boost Output
Control Output
R3
R4
R5
TYPICAL CHARACTERISTICS
TPS61020
,, TPS61024,, TPS61025
TPS61026, TPS61027, TPS61028
TPS61029
SLVS451D – SEPTEMBER 2003 – REVISED FEBRUARY 2006
Table of Graphs
FIGURE
Maximum output current
vs Input voltage
1
vs Output current (TPS61020)
2
vs Output current (TPS61025)
3
Efficiency
vs Output current (TPS61027)
4
vs Input voltage (TPS61025)
5
vs Input voltage (TPS61027)
6
vs Output current (TPS61025)
7
Output voltage
vs Output current (TPS61027)
8
No load supply current into VBAT
vs Input voltage
9
No load supply current into VOUT
vs Input voltage
10
Output voltage in continuous mode (TPS61025)
11
Output voltage in continuous mode (TPS61027)
12
Output voltage in power save mode (TPS61025)
13
Output voltage in power save mode (TPS61027)
14
Load transient response (TPS61025)
15
Waveforms
Load transient response (TPS61027)
16
Line transient response (TPS61025)
17
Line transient response (TPS61027)
18
Start-up after enable (TPS61025)
19
Start-up after enable (TPS61027)
20
6
Submit Documentation Feedback


Similar Part No. - TPS61027DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61027DRC TI-TPS61027DRC Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
More results

Similar Description - TPS61027DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com