Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2907SI-XXX Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2907SI-XXX
Description  Single-PLL General Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2907SI-XXX Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2907SI-XXX Datasheet HTML 3Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 4Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 5Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 6Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 7Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 8Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 9Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 10Page - Cypress Semiconductor CY2907SI-XXX Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY2907
Document #: 38-07137 Rev. *A
Page 8 of 11
Test Circuit
Figure 4. Test Circuit
Note: All capacitors should be placed as close to each pin as possible.
CLKA
VDD
CLOAD
OUTPUTS
0.1
μF
VDD
REFCLK
CLOAD
Ordering Information
Ordering Code
Package Type
Operating Range
CY2907SC-xxx
8-pin or 14-pin SOIC
5.0V, Commercial, Factory Programmable
CY2907SC-xxxT
8-pin or 14-pin SOIC -Tape and Reel
5.0V, Commercial, Factory Programmable
CY2907SL-xxx
8-pin or 14-pin SOIC
3.3V, Commercial, Factory Programmable
CY2907SL-xxxT
8-pin or 14-pin SOIC - Tape and Reel
3.3V, Commercial, Factory Programmable
CY2907SI-xxx
8-pin or 14-pin SOIC
5.0V/3.3V, Industrial, Factory Programmable
CY2907SI-xxxT
8-pin or 14-pin SOIC - Tape and Reel
5.0V/3.3V, Industrial, Factory Programmable
CY2907F8
8-pin SOIC
5.0V/3.3V, Commercial, Field Programmable
CY2907F8T
8-pin SOIC - Tape and Reel
5.0V/3.3V, Commercial, Field Programmable
CY2907F8I
8-pin SOIC
5.0V/3.3V, Industrial, Field Programmable
CY2907F8IT
8-pin SOIC - Tape and Reel
5.0V/3.3V, Industrial, Field Programmable
CY2907F14
14-pin SOIC
5.0V/3.3V, Commercial, Field Programmable
CY2907F14T
14-pin SOIC - Tape and Reel
5.0V/3.3V, Commercial, Field Programmable
CY2907F14I
14-pin SOIC
5.0V/3.3V, Industrial, Field Programmable
CY2907F14IT
14-pin SOIC - Tape and Reel
5.0V/3.3V, Industrial, Field Programmable
CY3670
Cypress FTG Programmer
Custom Programming for Field Programmable Clocks
Pb-free
CY2907FX8
8-pin SOIC
5.0V/3.3V, Commercial, Field Programmable
CY2907FX8T
8-pin SOIC - Tape and Reel
5.0V/3.3V, Commercial, Field Programmable
CY2907FX14
14-pin SOIC
5.0V/3.3V, Commercial, Field Programmable
CY2907FX14T
14-pin SOIC - Tape and Reel
5.0V/3.3V, Commercial, Field Programmable
Package Characteristics
Package
θ
JA (C/W)
θ
JC (C/W)
Transistor Count
8-pin SOIC
170
35
5436
14-pin SOIC
140
31
5436
[+] Feedback
[+] Feedback


Similar Part No. - CY2907SI-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2907SI CYPRESS-CY2907SI Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2907SI-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com