Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22389 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY22389
Description  Factory Programmable Quad PLL Clock Generator with VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22389 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY22389 Datasheet HTML 2Page - Cypress Semiconductor CY22389 Datasheet HTML 3Page - Cypress Semiconductor CY22389 Datasheet HTML 4Page - Cypress Semiconductor CY22389 Datasheet HTML 5Page - Cypress Semiconductor CY22389 Datasheet HTML 6Page - Cypress Semiconductor CY22389 Datasheet HTML 7Page - Cypress Semiconductor CY22389 Datasheet HTML 8Page - Cypress Semiconductor CY22389 Datasheet HTML 9Page - Cypress Semiconductor CY22389 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CY22388/89/91
Document #: 38-07734 Rev. *B
Page 10 of 10
Document History Page
Document Title: CY22388/89/91 Factory Programmable Quad PLL Clock Generator with VCXO
Document Number: 38-07734
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
320458
See ECN
RGL
New data sheet
*A
389649
See ECN
RGL
Changed R1 value to max. 40
Changed DL comments and max. value to 300
W
Changed fXO min. value to ±110ppm and typ. value to ±120ppm
*B
523597
See ECN
RGL
Specified a non-SMD-49 and SMD-49 crystal specs in the VCXO Pull
Range Parameter
[+] Feedback
[+] Feedback


Similar Part No. - CY22389

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22389 CYPRESS-CY22389 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22389

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Cypress Semiconductor
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com