Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW232A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FW232A
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW232A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FW232A Datasheet HTML 1Page - Sanyo Semicon Device FW232A Datasheet HTML 2Page - Sanyo Semicon Device FW232A Datasheet HTML 3Page - Sanyo Semicon Device FW232A Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FW232A
No.8361-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=10V, VGS=4V, ID=8A
19
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4V, ID=8A
3.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4V, ID=8A
4.5
nC
Diode Forward Voltage
VSD
IS=8A, VGS=0V
0.85
1.2
V
Package Dimensions
Electrical Connection
unit : mm
7005-003
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=8A
RL=1.875Ω
VDD=15V
VOUT
FW232A
VIN
4V
0V
VIN
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SANYO : SOP8
876
5
123
4
Top view
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
ID -- VDS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
0
0
1
2
3
4
6
5
7
8
0.2
1
2
3
4
8
6
5
7
0.6
1.0
0.1
0.4
0.8
0.3
0.7
0.5
0.9
0
0.2
0.4
0.6
1.0
1.4
0.8
1.2
1.6
1.8
0
IT09730
IT09731
VGS=1.5V
VDS=10V


Similar Part No. - FW232A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FW232A-TL-E VBSEMI-FW232A-TL-E Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - FW232A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com