Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1565V18-300BZI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1565V18-300BZI
Description  72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1565V18-300BZI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1565V18-300BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1565V18-300BZI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CY7C1561V18
CY7C1576V18
CY7C1563V18
CY7C1565V18
Document Number: 001-05384 Rev. *E
Page 6 of 28
Pin Definitions
Pin Name
IO
Pin Description
D[x:0]
Input-
Synchronous
Data input signals. Sampled on the rising edge of K and K clocks during valid write operations.
CY7C1561V18
− D[7:0]
CY7C1576V18
− D[8:0]
CY7C1563V18
− D[17:0]
CY7C1565V18
− D[35:0]
WPS
Input-
Synchronous
Write Port Select, Active LOW. Sampled on the rising edge of the K clock. When asserted active,
a write operation is initiated. Deasserting deselects the Write Port. When the Write Port is deselected
D[x:0] is ignored.
NWS0, NWS1,
Input-
Synchronous
Nibble Write Select 0, 1, Active LOW (CY7C1561V18 Only). Sampled on the rising edge of the K
and K clocks when write operations are active. Used to select which nibble is written into the device
during the current portion of the write operations. NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the nibble Write Selects are sampled on the same edge as the data. The corresponding nibble of
data is ignored by deselecting a nibble write select and is not written into the device.
BWS0, BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
− Active LOW. Sampled on the rising edge of the K and K clocks
during write operations. Used to select which byte is written into the device during the current portion
of the write operations. Bytes not written remain unaltered.
CY7C1576V18
− BWS0 controls D[8:0]
CY7C1563V18
− BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1565V18
− BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
causes the corresponding byte of data to be ignored and not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active read and write operations.
These address inputs are multiplexed for both read and write operations. Internally, the device is
organized as 8M x 8 (4 arrays each of 2M x 8) for CY7C1561V18, 8M x 9 (4 arrays each of 2M x 9)
for CY7C1576V18, 4M x 18 (4 arrays each of 1M x 18) for CY7C1563V18 and 2M x 36 (4 arrays
each of 512K x 36) for CY7C1565V18. Therefore, only 21 address inputs are needed to access the
entire memory array of CY7C1561V18 and CY7C1576V18, 20 address inputs for CY7C1563V18,
and 19 address inputs for CY7C1565V18. These inputs are ignored when the appropriate port is
deselected.
Q[x:0]
Outputs-
Synchronous
Data Output signals. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of both the K and K clocks during read operations or K and K. When
the Read Port is deselected, Q[x:0] are automatically tri-stated.
CY7C1561V18
− Q[7:0]
CY7C1576V18
− Q[8:0]
CY7C1563V18
− Q[17:0]
CY7C1565V18
− Q[35:0]
RPS
Input-
Synchronous
Read Port Select, Active LOW. Sampled on the rising edge of Positive Input Clock (K). When active,
a read operation is initiated. Deasserting causes the Read Port to be deselected. When deselected,
the pending access is allowed to complete and the output drivers are automatically tri-stated following
the next rising edge of the K clock. Each read access consists of a burst of four sequential transfers.
QVLD
Valid output
indicator
Valid Output Indicator. The Q Valid indicates valid output data. QVLD is edge aligned with CQ and
CQ.
K
Input-
Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input-
Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device
and to drive out data through Q[x:0] when in single clock mode.
CQ
Echo Clock
Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input
clock (K) of the QDR-II+. The timings for the echo clocks are shown in the “Switching Characteristics”
on page 22.


Similar Part No. - CY7C1565V18-300BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1565V18-300BZI CYPRESS-CY7C1565V18-300BZI Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1565V18-300BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561KV18 CYPRESS-CY7C1561KV18_11 Datasheet
856Kb / 29P
   72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA_15 Datasheet
832Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1261V18 CYPRESS-CY7C1261V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161V18 CYPRESS-CY7C1161V18 Datasheet
1Mb / 29P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA Datasheet
363Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
May 25, 2015
logo
Cypress Semiconductor
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com