Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2546IXXX Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2546IXXX
Description  Quad PLL Programmable Clock Generator with Spread Spectrum
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2546IXXX Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2546IXXX Datasheet HTML 1Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 2Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 3Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 4Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 5Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 6Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 7Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 8Page - Cypress Semiconductor CY2546IXXX Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRELIMINARY
Quad PLL Programmable Clock Generator with
Spread Spectrum
CY2546
CY2544
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-12563 Rev. *A
Revised February 28, 2007
Features
• Four fully integrated phase-locked loops (PLLs)
• Input Frequency range:
— External crystal: 8 to 48 MHz
— External reference: 8 to 166 MHz clock
• Wide operating output frequency range
— 3 to 166 MHz
• Programmable Spread Spectrum with Center and Down
Spread option and Lexmark modulation profile
• Two VDD core voltage options:
— 2.5V, 3.0V, and 3.3V for CY2544
— 1.8V for CY2546
• Selectable output voltages:
— 2.5V, 3.0V, and 3.3V for CY2544
— 1.8V for CY2546
• Frequency Select feature with option to select eight different
frequencies
• Low jitter, high accuracy outputs
• Up to nine clock outputs
• Programmable output drive strength
• Glitch-free outputs while frequency switching
• 24-pin QFN package
• Commercial and Industrial temperature ranges
Benefits
• Multiple high-performance PLLs allow synthesis of
unrelated frequencies
• Nonvolatile programming for customized PLL frequencies,
spread spectrum characteristics, drive strength, crystal load
capacitance, and output frequencies
• Two Spread Spectrum capable PLLs with Linear or Lexmark
profile for maximum EMI reduction
• Spread Spectrum PLLs can be disabled or enabled
separately
• PLLs can be programmed for system frequency margin
tests
• Meets critical timing requirements in complex system
designs
• Suitable for PC, consumer, and networking applications
• Ability to synthesize standard frequencies with ease
• Application compatibility in standard and low-power
systems
Block Diagram
OSC
MUX
and
Control
Logic
PLL1
PLL2
PLL3
(SS)
PLL4
(SS)
Output
Dividers
and
Drive
Strength
Control
CLK1
CLK9
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
4of 6
Crossbar
Switch
EXCLKIN
FS2
FS1
FS0
SSON
XOUT
XIN
PD#/OE
Bank
1
Bank
3
Bank
2
[+] Feedback
[+] Feedback


Similar Part No. - CY2546IXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXC CYPRESS-CY25402FSXC Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXI CYPRESS-CY25402FSXI Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY2546IXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com