Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1570V18-300BZXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1570V18-300BZXI
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1570V18-300BZXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1570V18-300BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1570V18-300BZXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CY7C1566V18
CY7C1577V18
CY7C1568V18
CY7C1570V18
Document Number: 001-06551 Rev. *D
Page 8 of 27
Functional Overview
The CY7C1566V18, CY7C1577V18, CY7C1568V18, and
CY7C1570V18 are synchronous pipelined Burst SRAMs
equipped with a DDR interface.
Accesses for both ports are initiated on the Positive Input Clock
(K). All synchronous input and output timing refer to the rising
edge of the input clocks (K and K).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the rising edge of the input clocks (K and K). All
synchronous data outputs (Q[x:0]) pass through output registers
controlled by the rising edge of the input clocks (K and K).
All synchronous control (R/W, LD, NWS[0:X], BWS[0:X]) inputs
pass through input registers controlled by the rising edge of the
input clock (K\K).
CY7C1568V18 is described in the following sections. The same
basic descriptions apply to CY7C1566V18, CY7C1577V18, and
CY7C1570V18.
Read Operations
The CY7C1568V18 is organized internally as two arrays of 4M x
18. Accesses are completed in a burst of two sequential 18-bit
data words. Read operations are initiated by asserting R/W
HIGH and LD LOW at the rising edge of the positive input clock
(K). Following the next two K clock rising edges, the corre-
sponding 18-bit word of data from this address location is driven
onto the Q[17:0] using K as the output timing reference. On the
subsequent rising edge of K, the next 18-bit data word is driven
onto the Q[17:0]. The requested data is valid 0.45 ns from the
rising edge of the input clock (K and K). To maintain the internal
logic, each read access is allowed to complete. Read accesses
are initiated on every rising edge of the positive input clock (K).
When read access is deselected, the CY7C1568V18 completes
the pending read transactions. Synchronous internal circuitry
automatically tri-states the outputs following the next rising edge
of the negative input clock (K). This enables a seamless
transition between devices without the insertion of wait states in
a depth expanded memory.
Write Operations
Write operations are initiated by asserting R/W LOW and LD
LOW at the rising edge of the positive input clock (K). The
address presented to Address inputs is stored in the Write
Address register. On the following K clock rise, the data
presented to D[17:0] is latched and stored into the 18-bit Write
Data register, provided BWS[1:0] are both asserted active. On the
subsequent rising edge of the Negative Input Clock (K), the infor-
mation presented to D[17:0] is also stored into the Write Data
register, provided BWS[1:0] are both asserted active. The 36 bits
of data is then written into the memory array at the specified
location. Write accesses are initiated on every rising edge of the
positive input clock (K). This pipelines the data flow such that 18
bits of data is transferred into the device on every rising edge of
the input clocks (K and K).
When write access is deselected, the device ignores all inputs
after the pending write operations are completed.
Byte Write Operations
Byte write operations are supported by the CY7C1568V18. A
write operation is initiated as described in the Write Operations
section. The bytes that are written are determined by BWS0 and
BWS1, that are sampled with each set of 18-bit data words.
Asserting the appropriate Byte Write Select input during the data
portion of a write enables to present the data to be latched and
written into the device. Deasserting the Byte Write Select input
during the data portion of a write enables the data stored in the
device for that byte to remain unaltered. This feature is used to
simplify read, modify, and write operations to a byte write
operation.
Double Date Rate Operation
The CY7C1568V18 enables high performance operation
through high clock frequencies (achieved through pipelining) and
DDR mode of operation. The CY7C1568V18 requires two No
Operation (NOP) cycles when transitioning from a read to a write
cycle. At higher frequencies, some applications require a third
NOP cycle to avoid contention.
If a read occurs after a write cycle, address and data for the write
are stored in registers. The write information is stored because
the SRAM cannot perform the last word write to the array without
conflicting with the read. The data stays in this register until the
next write cycle occurs. On the first write cycle after the read(s),
the stored data from the earlier write is written into the SRAM
array. This is called a Posted Write.
If a read is performed on the same address where a write is
performed in the previous cycle, the SRAM reads out the most
current data. The SRAM does this by bypassing the memory
array and reading the data from the registers.
Depth Expansion
Depth expansion requires replicating the LD control signal for
each bank. All other control signals are common between banks
as appropriate.
Programmable Impedance
An external resistor, RQ, is connected between the ZQ pin on the
SRAM and VSS to enable the SRAM to adjust its output driver
impedance. The value of RQ is 5x the value of the intended line
impedance driven by the SRAM. The allowable range of RQ to
guarantee impedance, matching with a tolerance of ±15%, is
between 175
Ω and 350Ω with VDDQ = 1.5V. The output
impedance is adjusted every 1024 cycles upon power up to
account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the DDR-II+ to simplify data capture
on high speed systems. Two echo clocks are generated by the
DDR-II+. CQ is referenced with respect to K and CQ is refer-
enced with respect to K. These are free running clocks and are
synchronized to the input clock of the DDR-II+. The timing for the
echo clocks is shown in “Switching Characteristics” on page 22.


Similar Part No. - CY7C1570V18-300BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1570V18-300BZXI CYPRESS-CY7C1570V18-300BZXI Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1570V18-300BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18_08 Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1568XV18 CYPRESS-CY7C1568XV18 Datasheet
450Kb / 27P
   72-Mbit DDR II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com