Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1527AV18-200BZI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1527AV18-200BZI
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1527AV18-200BZI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1527AV18-200BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 13Page - Cypress Semiconductor CY7C1527AV18-200BZI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PRELIMINARY
CY7C1516AV18
CY7C1527AV18
CY7C1518AV18
CY7C1520AV18
Document #: 001-06982 Rev. *B
Page 10 of 28
Write Cycle Descriptions (CY7C1516AV18 and CY7C1518AV18)[3, 9]
BWS0, NWS0
BWS1, NWS1
KK
Comments
L
L
L-H
During the Data portion of a Write sequence
:
CY7C1516AV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1518AV18
− both bytes (D
[17:0]) are written into the device.
L
L
L-H
During the Data portion of a Write sequence
:
CY7C1516AV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1518AV18
− both bytes (D
[17:0]) are written into the device.
L
H
L-H
During the Data portion of a Write sequence
:
CY7C1516AV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1518AV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
L
H
L-H
During the Data portion of a Write sequence
:
CY7C1516AV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1518AV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1516AV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1518AV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1516AV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1518AV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
H
L-H
No data is written into the devices during this portion of a Write operation.
H
H
L-H
No data is written into the devices during this portion of a Write operation.
Write Cycle Descriptions[3, 9](CY7C1527AV18)
BWS0
KK
Comments
L
L-H
During the Data portion of a Write sequence
, the single byte (D
[8:0]) is
written into the device.
L
L-H
During the Data portion of a Write sequence
, the single byte (D
[8:0]) is
written into the device.
H
L-H
No data is written into the device during this portion of a Write operation.
H
L-H
No data is written into the device during this portion of a Write operation.
Note:
9. Assumes a Write cycle was initiated per the Write Port Cycle Description Truth Table. NWS0, NWS1,BWS0, BWS1,BWS2 and BWS3 can be altered on different
portions of a write cycle, as long as the set-up and hold requirements are achieved.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1527AV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1527AV18-200BZI CYPRESS-CY7C1527AV18-200BZI Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1527AV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2566KV18 CYPRESS-CY7C2566KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com