Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2037B-11WAF Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2037B-11WAF
Description  High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2037B-11WAF Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2037B-11WAF Datasheet HTML 1Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 2Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 3Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 4Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 5Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 6Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 7Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 8Page - Cypress Semiconductor CY2037B-11WAF Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High - Accuracy EPROM Programmable
PLL Die for Crystal Oscillators
CY2037
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07354 Rev. *D
Revised February 26, 2007
Features
• EPROM-programmable die for in-package programming of
crystal oscillators
• High resolution PLL with 12-bit multiplier and 10-bit divider
• EPROM-programmable capacitor tuning array with Shadow
register
• Twice programmable die (CY2037A, CY2037B[1] and
CY2037-2).
• Simple 4-wire programming interface
• On-chip oscillator runs from 10–30 MHz fundamental tuned
crystal
• EPROM-selectable TTL or CMOS duty cycle levels
• Operating frequency
— 1–133 MHz at 5V
— 1–100 MHz at 3.3V
— 1–66.6 MHz at 2.7V
• Sixteen selectable post-divide options, using either PLL or
reference oscillator output
• Programmable power down (PD#) or OE pin (CY2037A,
CY2037B, and CY2037-2)
• Frequency Select (CY2037-3)
• Programmable asynchronous or synchronous OE and
power down (PD#) modes (CY2037A, CY2037B and
CY2037-2)
• Low Jitter outputs typically
— < ± 100 ps (pk-pk) at 5V and f>33 MHz
— < ± 125 ps (pk-pk) at 3.3V and f>33 MHz
• 3.3V or 5V operation
• Small Die
• Controlled rise and fall times and output slew rate
Benefits
• Enables quick turnaround of custom oscillators
• Lowers inventory costs through stocking of blank parts
• Enables synthesis of highly accurate and stable output clock
frequencies with zero or low PPM
• Enables fine-tuning of output clock frequency by adjusting
CLoad of the crystal
• Enables reprogramming of programmed part, to correct
errors, and control excess inventory
• Enables programming of output frequency after packaging
• Lowers cost of oscillator as PLL can be programmed to a
high frequency using a low-frequency, low-cost crystal
• Duty cycle centered at 1.4V or VDD/2
• Provides flexibility to service most TTL or CMOS applica-
tions
• Services most PC, networking, and consumer applications
• Provides flexibility in output configurations and testing
• Enables low-power operation or output enable function
• Enables two frequency options for meeting different industry
standards, i.e., PAL/NTSC
• Provides flexibility for system applications, through
selectable instantaneous or synchronous change in outputs
• Suitable for most PC, consumer, and networking applica-
tions
• Lowers inventory cost as same die services both applica-
tions
• Enables encapsulation in small-size, surface mount
packages
• Has lower EMI than oscillators
Note
1. The CY2037A and CY2037B are identical. However, the CY2037B is recommended for all new designs
Table 1. Device Functionality: Output Frequencies
Parameter
Description
Condition
Min.
Max.
Unit
Fo
Output frequency
VDD = 4.5V–5.5V
1
133
MHz
VDD = 3.0V–3.6V
1
100
MHz
VDD = 2.7V–3.0V
1
66
MHz
[+] Feedback
[+] Feedback


Similar Part No. - CY2037B-11WAF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037B-11WAF CYPRESS-CY2037B-11WAF Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037B-11WAF CYPRESS-CY2037B-11WAF Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037B-11WAF- CYPRESS-CY2037B-11WAF- Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037B-11WAF-IL CYPRESS-CY2037B-11WAF-IL Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
More results

Similar Description - CY2037B-11WAF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_08 Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2077 CYPRESS-CY2077 Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2077 CYPRESS-CY2077_08 Datasheet
383Kb / 14P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
logo
Integrated Device Techn...
IDT5V7855 IDT-IDT5V7855 Datasheet
1Mb / 14P
   EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
   Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
   Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
   Programmable Crystal Oscillators
EP3500ETTTSL-24000MTR ECLIPTEK-EP3500ETTTSL-24000MTR Datasheet
114Kb / 3P
   Programmable Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com