Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101L-SZ45XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101L-SZ45XI
Description  1-Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SZ45XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101L-SZ45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1-Mbit (128K x 8) nvSRAM
PRELIMINARY
CY14B101L
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06400 Rev. *E
Revised January 24, 2007
Features
• 25 ns, 35 ns, and 45 ns access times
• “Hands-off” automatic STORE on power down with only a
small capacitor
• STORE to QuantumTrapTM nonvolatile elements is initiated
by software, device pin, or AutostoreTM on power down
• RECALL to SRAM initiated by software or power up
•Infinite READ, WRITE, and RECALL cycles
• 10 mA typical ICC at 200 ns cycle time
• 200,000 STORE cycles to quantum trap
• 20-year data retention @ 55
°C
• Single 3V operation +20%, –10%
• Commercial and industrial temperature
• SOIC and SSOP packages
• RoHS compliance
Functional Description
The Cypress CY14B101L is a fast static RAM with a
nonvolatile element in each memory cell. The embedded
nonvolatile elements incorporate QuantumTrap technology
producing, the world’s most reliable nonvolatile memory. The
SRAM provides infinite read and write cycles; while
independent, nonvolatile data resides in the highly reliable
QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile
memory. Both the STORE and RECALL operations are also
available under software control.
Logic Block Diagram
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
1024 X 1024
QuantumTrap
1024 x 1024
STORE
RECALL
COLUMN IO
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A15
- A0
A0 A1 A2 A3 A4 A10 A11
A5
A6
A7
A8
A9
A12
A13
A14
A15
A16
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101L-SZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SZ45XI CYPRESS-CY14B101L-SZ45XI Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L-SZ45XIT CYPRESS-CY14B101L-SZ45XIT Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com