Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101L-SP45XIT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B101L-SP45XIT
Description  1-Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SP45XIT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B101L-SP45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101L-SP45XIT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY14B101L
PRELIMINARY
Document #: 001-06400 Rev. *E
Page 8 of 18
Capacitance [7]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 0 to 3.0 V
7
pF
COUT
Output Capacitance
7
pF
Thermal Resistance [7]
Parameter
Description
Test Conditions
32-SOIC 48-SSOP
Unit
Θ
JA
Thermal Resistance
(junction to ambient)
Test conditions follow standard test methods and proce-
dures for measuring thermal impedance, in accordance with
EIA/JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(junction to case)
TBD
TBD
°C/W
AC Test Loads
AC Test Conditions
Input Pulse Levels.................................................. 0 V to 3 V
Input Rise and Fall Times (10% – 90%)...................... < 5 ns
Input and Output Timing Reference Levels................... 1.5 V
3.0V
OUTPUT
5 pF
R1 577
R2
789
3.0V
OUTPUT
30 pF
R1 577
R2
789
FOR TRI-STATE
SPECS
Note
8. These parameters are guaranteed but not tested.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101L-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SP45XIT CYPRESS-CY14B101L-SP45XIT Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com