Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1570V18-300BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1570V18-300BZC
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1570V18-300BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1570V18-300BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1570V18-300BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CY7C1566V18
CY7C1577V18
CY7C1568V18
CY7C1570V18
Document Number: 001-06551 Rev. *D
Page 9 of 27
Valid Data Indicator (QVLD)
QVLD is provided on the DDR-II+ to simplify data capture on high
speed systems. The QVLD is generated by the DDR-II+ device
along with data output. This signal is also edge aligned with the
echo clock and follows the timing of any data pin. This signal is
asserted half a cycle before valid data arrives.
DLL
These chips use a DLL that is designed to function between 120
MHz and the specified maximum clock frequency. The DLL is
disabled by applying ground to the DOFF pin. When the DLL is
turned off, the device behaves in DDR-I mode (with 1.0 cycle
latency and a longer access time). For more information, refer to
the
application
note,
DLL
Considerations
in
QDRII/DDRII/QDRII+/DDRII+. The DLL is also reset by slowing
or stopping the input clocks K and K for a minimum of 30 ns.
However, it is not necessary to reset the DLL to lock at the
desired frequency. During power up, when the DOFF is tied
HIGH, the DLL gets locked after 2048 cycles of stable clock.
Application Example
Figure 1. Application Example
Truth Table
The truth table for CY7C1566V18, CY7C1577V18, CY7C1568V18, and CY7C1570V18 follows. [3, 4, 5, 6, 7, 8]
Operation
K
LD
R/W
DQ
DQ
Write Cycle:
Load address; wait one cycle;
input write data on consecutive K and K rising edges.
L-H
L
L
D(A) at K(t + 1)
D(A+1) at K(t + 1)
Read Cycle: (2.5 cycle Latency)
Load address; wait two and half cycle;
read data on consecutive K and K rising edges.
L-H
L
H
Q(A) at K(t + 2)
Q(A+1) at K(t + 3)
NOP: No Operation
L-H
H
X
High Z
High Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
BUS
MASTER
(CPU or ASIC)
DQ
Addresses
Cycle Start
R/W
Source CLK
Source CLK
Echo Clock1/Echo Clock1
Echo Clock2/Echo Clock2
R = 250ohms
LD
R/W
DQ
A
SRAM#1
K
ZQ
CQ/CQ
K
R = 250ohms
LD
R/W
DQ
A
SRAM#2
K
ZQ
CQ/CQ
K
Notes
3. X = “Don’t Care,” H = Logic HIGH, L = Logic LOW,
↑ represents rising edge.
4. Device powers up deselected with the outputs in a tri-state condition.
5. “A” represents address location latched by the devices when transaction was initiated. A + 1 represents the address sequence in the burst.
6. “t” represents the cycle at which a read/write operation is started. t + 1 and t + 2 are the first and second clock cycles succeeding the “t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on K and K rising edges.
8. Cypress recommends that K = K = HIGH when clock is stopped. This is not essential but permits most rapid restart by overcoming transmission line charging
symmetrically.


Similar Part No. - CY7C1570V18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1570V18-300BZC CYPRESS-CY7C1570V18-300BZC Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1570V18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18_08 Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1568XV18 CYPRESS-CY7C1568XV18 Datasheet
450Kb / 27P
   72-Mbit DDR II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com