Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC164245LAK Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74AVC164245LAK
Description  16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC164245LAK Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI74AVC164245LAK Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC164245LAK Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS8600B
02/09/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC164245LA
16-Bit 1.5-2.5V to 3.3V Level Shifting
Transceiver with 3-State Outputs
Output
Control
(low-level
enabling)
Output
Waveform 2
S1 at GND
tPZL
tPLZ
3.0V
0V
2.5V
VOL
0V
Output
Waveform 1
S1 at 6V
VOH
VOH –0.2V
VOL+0.2V
tPHZ
tPZH
1.5V
1.5V
1.25V
1.25V
From Output
Under Test
VIN
CL = 30pF
2 × VCC
GND
Open
500
Ω
500
Ω
Input
tPLH
tPHL
3.0V
1.5V
1.25V
1.5V
1.25V
0V
VOH
VOL
Output
Parameter Measurement Information, VCCA = 2.5V ± 0.2V
Figure 2. Load Circuit and Voltage Waveforms
Load Circuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Notes:
• CL includes probe and jig capacitance.
• Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
• All input pulses are supplied by generators having the following characteristics: PRR
≤10Mz, ZO = 50Ω, tR ≤2.5ns, tF ≤2.5ns.
• The outputs are measured one at a time with one transition per measurement.
• tPLZ and tPHZ are the same as tDIS.
• tPZL and tPZH are the same as tEN.
• tPLH and tPHL are the same as tPD.
t
s
e
T1
S
t D
P
t Z
L
P
/t L
Z
P
t
Z
H
P
/t H
Z
P
n
e
p
O
V
×
2
C
C
D
N
G
06-0016


Similar Part No. - PI74AVC164245LAK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC164245 PERICOM-PI74AVC164245 Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245A PERICOM-PI74AVC164245A Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245AA PERICOM-PI74AVC164245AA Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245AK PERICOM-PI74AVC164245AK Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245AV PERICOM-PI74AVC164245AV Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
More results

Similar Description - PI74AVC164245LAK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC164245 PERICOM-PI74AVC164245 Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245 IDT-IDT74ALVC164245 Datasheet
86Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245 Datasheet
534Kb / 10P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
NXP Semiconductors
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com