Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256L Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B256L
Description  256-Kbit (32K x 8) nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256L Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B256L Datasheet HTML 3Page - Cypress Semiconductor CY14B256L Datasheet HTML 4Page - Cypress Semiconductor CY14B256L Datasheet HTML 5Page - Cypress Semiconductor CY14B256L Datasheet HTML 6Page - Cypress Semiconductor CY14B256L Datasheet HTML 7Page - Cypress Semiconductor CY14B256L Datasheet HTML 8Page - Cypress Semiconductor CY14B256L Datasheet HTML 9Page - Cypress Semiconductor CY14B256L Datasheet HTML 10Page - Cypress Semiconductor CY14B256L Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PRELIMINARY
CY14B256L
Document #: 001-06422 Rev. *E
Page 7 of 17
Maximum Ratings
Exceeding maximum ratings may impair the useful life of
device. For user guidelines, not tested.
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage on VCC Relative to GND.......... –0.5V to 4.1V
Voltage Applied to Outputs
in High-Z State .......................................–0.5V to VCC + 0.5V
Input Voltage .......................................... –0.5V to Vcc + 0.5V
Transient Voltage (< 20 ns) on
Any Pin to Ground Potential...................–2.0V to VCC + 2.0V
Package Power Dissipation
Capability (TA = 25°C) ................................................... 1.0W
Surface Mount Pb Soldering
Temperature (3 seconds) .......................................... +260
°C
Output Short Circuit Current [4].................................... 15 mA
Static Discharge Voltage.......................................... > 2001V
(in accordance with MIL-STD-883, method 3015)
Latch Up Current ................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
2.7V to 3.45V
Industrial
–40
°C to +85°C
2.7V to 3.45V
DC Electrical Characteristics
(over the operating range) VCC = 2.7V to 3.45V [5, 6]
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current tRC = 25 ns
tRC = 35 ns
tRC = 45 ns
Dependent on output loading and cycle rate.
Values obtained without output loads.
IOUT = 0 mA
Commercial
65
55
50
mA
mA
mA
Industrial
55
(tRC = 45 ns)
mA
mA
mA
ICC2
Average VCC Current
during STORE
All inputs do not care, VCC = Max
Average current for duration tSTORE
3mA
ICC3
Average VCC Current
at tAVAV = 200 ns, 3V,
25°C typical
WE > (VCC – 0.2). All other inputs cycling.
Dependent on output loading and cycle rate.
Values obtained without output loads.
10
mA
ICC4
Average VCAP Current
during AutoStore Cycle
All inputs do not care, VCC = Max
Average current for duration tSTORE
3mA
ISB
VCC Standby Current CE > (VCC – 0.2). All others VIN < 0.2V or > (VCC – 0.2V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
3mA
IIX
Input Leakage Current VCC = Max, VSS < VIN < VCC
– 1
+1
µA
IOZ
Off State Output
Leakage Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH
– 1
+1
µA
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
VSS – 0.5
0.8
V
VOH
Output HIGH Voltage IOUT = – 2 mA
2.4
V
VOL
Output LOW Voltage IOUT = 4 mA
0.4
V
VCAP
Storage Capacitor
Between VCAP pin and Vss, 5V rated
17
120
µF
Notes
4. Outputs shorted for no more than one second. No more than one output shorted at a time.
5. Typical conditions for the active current shown on the front page of the data sheet are average values at 25°C (room temperature), and VCC = 3V. Not 100% tested.
6. The HSB pin has IOUT = –10 µA for VOH of 2.4 V, this parameter is characterized but not tested.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B256L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256L-SP25XC CYPRESS-CY14B256L-SP25XC Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L-SP25XCT CYPRESS-CY14B256L-SP25XCT Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L-SP25XI CYPRESS-CY14B256L-SP25XI Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L-SP25XIT CYPRESS-CY14B256L-SP25XIT Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L-SP35XC CYPRESS-CY14B256L-SP35XC Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results

Similar Description - CY14B256L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com