Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED08-48LFXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8CLED08-48LFXI
Description  EZ-Color??HB LED Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED08-48LFXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8CLED08-48LFXI Datasheet HTML 1Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 2Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 3Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 4Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 5Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 6Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 7Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 8Page - Cypress Semiconductor CY8CLED08-48LFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CY8CLED08
Document Number: 001-12981 Rev. **
Page 5 of 37
Additional System Resources
System Resources, some of which have been previously listed,
provide additional capability useful to complete systems.
Additional resources include a multiplier, decimator, switch mode
pump, low voltage detection, and power on reset. Statements
describing the merits of each system resource are below.
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Multiply accumulate (MAC) provides fast 8-bit multiplier with
32-bit accumulate, to assist in general math and digital filters.
The decimator provides a custom hardware filter for digital
signal processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are all
supported.
Low Voltage Detection (LVD) interrupts can signal the appli-
cation of falling voltage levels, while the advanced POR (Power
On Reset) circuit eliminates the need for a system supervisor.
An internal 1.3V reference provides an absolute reference for
the analog system, including ADCs and DACs.
An integrated switch mode pump (SMP) generates normal
operating voltages from a single 1.2V battery cell, providing a
low cost boost converter.
EZ-Color Device Characteristics
Depending on your EZ-Color device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks and 12, 6, or 4
analog blocks. The following table lists the resources available for specific EZ-Color device groups. The device covered by this data
sheet is shown in the highlighted row of the table
Table 1. EZ-Color Device Characteristics
PSoC Part
Number
CY8CLED04
4
56
1
4
48
2
2
6
1K
16K
Yes
CY8CLED08
8
44
2
8
12
4
4
12
256 Bytes
16K
No
CY8CLED16
16
64
4
16
12
4
4
12
2K
32K
No


Similar Part No. - CY8CLED08-48LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08-48LFXI CYPRESS-CY8CLED08-48LFXI Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED08-48LFXIT CYPRESS-CY8CLED08-48LFXIT Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
More results

Similar Description - CY8CLED08-48LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED02 CYPRESS-CY8CLED02_10 Datasheet
931Kb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16_10 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04_10 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08_11 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED16_1106 CYPRESS-CY8CLED16_1106 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
logo
Maxim Integrated Produc...
MAX25611A MAXIM-MAX25611A Datasheet
1Mb / 25P
   Automotive High-Voltage HB LED Controller
Rev 1; 1/19
logo
Shenzhen Huazhimei Semi...
HM2803 HMSEMI-HM2803 Datasheet
1Mb / 8P
   HB-LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com