Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27243-12PVXET Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C27243-12PVXET
Description  PSoC짰 Mixed-Signal Array
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27243-12PVXET Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C27243-12PVXET Datasheet HTML 1Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 2Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 3Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 4Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 5Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 6Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 7Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 8Page - Cypress Semiconductor CY8C27243-12PVXET Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
November 9, 2006
© Cypress Semiconductor 2004-2006 — Document No. 38-12023 Rev. *D
1
PSoC® Mixed-Signal Array
Final Data Sheet
Automotive:
CY8C27243, CY8C27443, and CY8C27643
PSoC® Functional Overview
The PSoC® family consists of many Mixed-Signal Array with
On-Chip Controller devices. These devices are designed to
replace multiple traditional MCU-based system components
with one, low cost single-chip programmable device. PSoC
devices include configurable blocks of analog and digital logic,
as well as programmable interconnects. This architecture
allows the user to create customized peripheral configurations
that match the requirements of each individual application.
Additionally, a fast CPU, Flash program memory, SRAM data
memory, and configurable IO are included in a range of conve-
nient pinouts and packages.
The PSoC architecture, as illustrated on the left, is comprised of
four main areas: PSoC Core, Digital System, Analog System,
and System Resources. Configurable global busing allows all
device resources to be combined into a complete custom sys-
tem. The CY8C27x43 automotive family can have up to five IO
ports that connect to the global digital and analog interconnects,
providing access to 8 digital blocks and 12 analog blocks.
The PSoC Core
The PSoC Core is a powerful engine that supports a rich fea-
ture set. The core includes a CPU, memory, clocks, and config-
urable GPIO (General Purpose IO).
The M8C CPU core is a powerful processor with speeds up to
12 MHz, providing a two MIPS 8-bit Harvard architecture micro-
Features
■ Powerful Harvard Architecture Processor
❐ M8C Processor Speeds to 12 MHz
❐ 8x8 Multiply, 32-Bit Accumulate
❐ Low Power at High Speed
❐ 4.75V to 5.25V Operating Voltage
❐ Extended Temp. Range: -40°C to +105°C
■ Advanced Peripherals (PSoC Blocks)
❐ 12 Rail-to-Rail Analog PSoC Blocks Provide:
- Up to 14-Bit ADCs
- Up to 9-Bit DACs
- Programmable Gain Amplifiers
- Programmable Filters and Comparators
❐ 8 Digital PSoC Blocks Provide:
- 8- to 32-Bit Timers, Counters, and PWMs
- CRC and PRS Modules
- Up to 2 Full-Duplex UARTs
- Multiple SPI
™ Masters or Slaves
- Connectable to all GPIO Pins
❐ Complex Peripherals by Combining Blocks
■ Precision, Programmable Clocking
❐ Internal ±4% 24 MHz Oscillator
❐ 24 MHz with Optional 32.768 kHz Crystal
❐ Optional External Oscillator, up to 24 MHz
❐ Internal Oscillator for Watchdog and Sleep
■ Flexible On-Chip Memory
❐ 16K Bytes Flash Program Storage
❐ 256 Bytes SRAM Data Storage
❐ In-System Serial Programming (ISSP)
❐ Partial Flash Updates
❐ Flexible Protection Modes
■ Programmable Pin Configurations
❐ 25 mA Sink on All GPIO
❐ Pull Up, Pull Down, High Z, Strong, or Open
Drain Drive Modes on all GPIO
❐ Up to 12 Analog Inputs on GPIO
❐ Four 30 mA Analog Outputs on GPIO
❐ Configurable Interrupt on All GPIO
■ Additional System Resources
❐ I2C™ Slave, Master, and Multi-Master to
400 kHz
❐ Watchdog and Sleep Timers
❐ User-Configurable Low Voltage Detection
❐ Integrated Supervisory Circuit
❐ On-Chip Precision Voltage Reference
■ Complete Development Tools
❐ Free Development Software
(PSoC™ Designer)
❐ Full-Featured, In-Circuit Emulator and
Programmer
❐ Full Speed Emulation
❐ Complex Breakpoint Structure
❐ 128K Bytes Trace Memory
DIGITAL SYSTEM
SRAM
256 Bytes
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPUCore(M 8C)
SROM
Flash 16K
Digital
Block Array
Multiply
Accum.
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
Decimator
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Analog
Input
Muxing
I C
2
Port 4
Port 3
Port 2
Port 1
Port 0
Analog
Drivers
System Bus
Analog
Block
Array
Port 5
[+] Feedback
[+] Feedback


Similar Part No. - CY8C27243-12PVXET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27243-24PVI CYPRESS-CY8C27243-24PVI Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27243-24PVI CYPRESS-CY8C27243-24PVI Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27243-24PVIT CYPRESS-CY8C27243-24PVIT Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27243-24PVIT CYPRESS-CY8C27243-24PVIT Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27243-24PVXI CYPRESS-CY8C27243-24PVXI Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
More results

Similar Description - CY8C27243-12PVXET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com