Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21323 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C21323
Description  PSoC짰 Mixed-Signal Array
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21323 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C21323 Datasheet HTML 5Page - Cypress Semiconductor CY8C21323 Datasheet HTML 6Page - Cypress Semiconductor CY8C21323 Datasheet HTML 7Page - Cypress Semiconductor CY8C21323 Datasheet HTML 8Page - Cypress Semiconductor CY8C21323 Datasheet HTML 9Page - Cypress Semiconductor CY8C21323 Datasheet HTML 10Page - Cypress Semiconductor CY8C21323 Datasheet HTML 11Page - Cypress Semiconductor CY8C21323 Datasheet HTML 12Page - Cypress Semiconductor CY8C21323 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
January 16, 2006
Document No. 001-06161 Rev. **
9
2.
Register Reference
This chapter lists the registers of the CY8C21323 PSoC device. For detailed register information, reference the
PSoC Mixed-Signal Array Technical Reference Manual
.
2.1
Register Conventions
The register conventions specific to this section are listed in the
following table.
2.2
Register Mapping Tables
The PSoC device has a total register address space of 512
bytes. The register space is referred to as IO space and is
divided into two banks. The XOI bit in the Flag register (CPU_F)
determines which bank the user is currently in. When the XOI
bit is set the user is in Bank 1.
Note
In the following register mapping tables, blank fields are
Reserved and should not be accessed.
Convention
Description
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific
[+] Feedback
[+] Feedback


Similar Part No. - CY8C21323

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21323 CYPRESS-CY8C21323 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21323-24LFXI CYPRESS-CY8C21323-24LFXI Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C21323-24LFXI CYPRESS-CY8C21323-24LFXI Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C21323

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com