Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68014A-100AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C68014A-100AXC
Description  EZ-USB FX2LP??USB Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68014A-100AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C68014A-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
CY7C68013A/CY7C68014A
CY7C68015A/CY7C68016A
Document #: 38-08032 Rev. *K
Page 10 of 60
EP2–1024
double
buffered;
EP6–512
quad
buffered
(column 8).
3.12.5
Default Full-Speed Alternate Settings
3.12.6
Default High-Speed Alternate Settings
64
64
64
512
512
1024
1024
1024
1024
1024
1024
1024
512
512
512
512
512
512
512
512
512
512
EP2
EP2 EP2
EP6
EP6
EP8
EP8
EP0 IN&OUT
EP1 IN
EP1 OUT
Figure 3-5. Endpoint Configuration
1024
1024
EP6
1024
512
512
EP8
512
512
EP6
512
512
512
512
EP2
512
512
EP4
512
512
EP2
512
512
EP4
512
512
EP2
512
512
EP4
512
512
EP2
512
512
512
512
EP2
512
512
512
512
EP2
512
512
1024
EP2
1024
1024
EP2
1024
1024
EP2
1024
512
512
EP6
1024
1024
EP6
512
512
EP8
512
512
EP6
512
512
512
512
EP6
1024
1024
EP6
512
512
EP8
512
512
EP6
512
512
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
64
1
2
3
4
5
6
7
8
9
10
11
12
Table 3-6. Default Full-Speed Alternate Settings[4, 5]
Alternate Setting
0
1
2
3
ep0
64
64
64
64
ep1out
0
64 bulk
64 int
64 int
ep1in
0
64 bulk
64 int
64 int
ep2
0
64 bulk out (2×)
64 int out (2×)
64 iso out (2×)
ep4
0
64 bulk out (2×)
64 bulk out (2×)
64 bulk out (2×)
ep6
0
64 bulk in (2×)
64 int in (2×)
64 iso in (2×)
ep8
0
64 bulk in (2×)
64 bulk in (2×)
64 bulk in (2×)
Notes:
4.
“0” means “not implemented.”
5.
“2×” means “double buffered.”
6.
Even though these buffers are 64 bytes, they are reported as 512 for USB 2.0 compliance. The user must never transfer packets larger than 64 bytes to EP1.
Table 3-7. Default High-Speed Alternate Settings[4, 5]
Alternate Setting
0
1
2
3
ep0
64
64
64
64
ep1out
0
512 bulk[6]
64 int
64 int
ep1in
0
512 bulk[6]
64 int
64 int
ep2
0
512 bulk out (2×)
512 int out (2×)
512 iso out (2×)
ep4
0
512 bulk out (2×)
512 bulk out (2×)
512 bulk out (2×)
ep6
0
512 bulk in (2×)
512 int in (2×)
512 iso in (2×)
ep8
0
512 bulk in (2×)
512 bulk in (2×)
512 bulk in (2×)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C68014A-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
More results

Similar Description - CY7C68014A-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013 Datasheet
1Mb / 48P
   EZ-USB FX2 USB Microcontroller
CY7C64613 CYPRESS-CY7C64613 Datasheet
288Kb / 42P
   EZ-USB FX USB Microcontroller
CY7C64601 CYPRESS-CY7C64601 Datasheet
220Kb / 42P
   EZ-USB FX USB Microcontroller Data Sheet
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com