Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68014A-100AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C68014A-100AXC
Description  EZ-USB FX2LP??USB Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68014A-100AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C68014A-100AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68014A-100AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
EZ-USB FX2LP™ USB Microcontroller
CY7C68013A/CY7C68014A
CY7C68015A/CY7C68016A
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-08032 Rev. *K
Revised January 26, 2006
1.0
Features (CY7C68013A/14A/15A/16A)
• USB 2.0–USB-IF high speed certified (TID # 40440111)
• Single-chip integrated USB 2.0 transceiver, smart SIE,
and enhanced 8051 microprocessor
• Fit, form and function compatible with the FX2
— Pin-compatible
— Object-code-compatible
— Functionally-compatible (FX2LP is a superset)
• Ultra Low power: ICC no more than 85 mA in any mode
— Ideal for bus and battery powered applications
• Software: 8051 code runs from:
— Internal RAM, which is downloaded via USB
— Internal RAM, which is loaded from EEPROM
— External memory device (128 pin package)
• 16 KBytes of on-chip Code/Data RAM
• Four programmable BULK/INTERRUPT/ISOCHRO-
NOUS endpoints
— Buffering options: double, triple, and quad
• Additional programmable (BULK/INTERRUPT) 64-byte
endpoint
• 8- or 16-bit external data interface
• Smart Media Standard ECC generation
• GPIF (General Programmable Interface)
— Allows direct connection to most parallel interface
— Programmable waveform descriptors and configu-
ration registers to define waveforms
— Supports multiple Ready (RDY) inputs and Control
(CTL) outputs
• Integrated, industry-standard enhanced 8051
— 48-MHz, 24-MHz, or 12-MHz CPU operation
— Four clocks per instruction cycle
— Two USARTS
— Three counter/timers
— Expanded interrupt system
— Two data pointers
• 3.3V operation with 5V tolerant inputs
• Vectored USB interrupts and GPIF/FIFO interrupts
• Separate data buffers for the Set-up and Data portions
of a CONTROL transfer
• Integrated I2C controller, runs at 100 or 400 kHz
• Four integrated FIFOs
— Integrated glue logic and FIFOs lower system cost
— Automatic conversion to and from 16-bit buses
— Master or slave operation
— Uses external clock or asynchronous strobes
— Easy interface to ASIC and DSP ICs
• Available in Commercial and Industrial temperature
grade (all packages except VFBGA)
x20
PLL
/0.5
/1.0
/2.0
8051 Core
12/24/48 MHz,
four clocks/cycle
I2C
VCC
1.5k
D+
D–
FX2LP
GPIF
CY
Smart
USB
1.1/2.0
Engine
USB
2.0
XCVR
16 KB
RAM
4 kB
FIFO
Integrated
full- and high-speed
XCVR
Additional I/Os (24)
ADDR (9)
CTL (6)
RDY (6)
8/16
24 MHz
Ext. XTAL
Enhanced USB core
Simplifies 8051 code
“Soft Configuration”
Easy firmware changes
FIFO and endpoint memory
(master or slave operation)
Up to 96 MBytes/s
burst rate
General
programmable I/F
to ASIC/DSP or bus
standards such as
ATAPI, EPP, etc.
Abundant I/O
including two USARTS
High-performance micro
using standard tools
with lower-power options
Master
Figure 1-1. Block Diagram
connected for
full speed
ECC
[+] Feedback
[+] Feedback


Similar Part No. - CY7C68014A-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A-100AXC CYPRESS-CY7C68014A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
More results

Similar Description - CY7C68014A-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013 Datasheet
1Mb / 48P
   EZ-USB FX2 USB Microcontroller
CY7C64613 CYPRESS-CY7C64613 Datasheet
288Kb / 42P
   EZ-USB FX USB Microcontroller
CY7C64601 CYPRESS-CY7C64601 Datasheet
220Kb / 42P
   EZ-USB FX USB Microcontroller Data Sheet
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com