Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1462AV33-250BZI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1462AV33-250BZI
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1462AV33-250BZI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1462AV33-250BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1462AV33-250BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
CY7C1460AV33
CY7C1462AV33
CY7C1464AV33
Document #: 38-05353 Rev. *D
Page 5 of 27
Pin Definitions
Pin Name
I/O Type
Pin Description
A0
A1
A
Input-
Synchronous
Address Inputs used to select one of the address locations. Sampled at the rising
edge of the CLK.
BWa
BWb
BWc
BWd
BWe
BWf
BWg
BWh
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with WE to conduct writes to the SRAM.
Sampled on the rising edge of CLK. BWa controls DQa and DQPa, BWb controls DQb and
DQPb, BWc controls DQc and DQPc, BWd controls DQd and DQPd, BWe controls DQe and
DQPe, BWf controls DQf and DQPf, BWg controls DQg and DQPg, BWh controls DQh and
DQPh.
WE
Input-
Synchronous
Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN is active
LOW. This signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
Synchronous
Advance/Load Input used to advance the on-chip address counter or load a new
address. When HIGH (and CEN is asserted LOW) the internal burst counter is advanced.
When LOW, a new address can be loaded into the device for an access. After being
deselected, ADV/LD should be driven LOW in order to load a new address.
Pin Configurations (continued)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
12
3456789
11
10
DQg
DQg
DQg
DQg
DQg
DQg
DQg
DQg
DQc
DQc
DQc
DQc
NC
DQPg
DQh
DQh
DQh
DQh
DQd
DQd
DQd
DQd
DQPd
DQPc
DQc
DQc
DQc
DQc
NC
DQh
DQh
DQh
DQh
DQPh
DQd
DQd
DQd
DQd
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQf
DQf
DQf
DQf
NC
DQPf
DQa
DQa
DQa
DQa
DQe
DQe
DQe
DQe
DQPa
DQPb
DQf
DQf
DQf
DQf
NC
DQa
DQa
DQa
DQa
DQPe
DQe
DQe
DQe
DQe
AA
A
A
NC
NC
NC/144M
NC/72M
A
NC/288M
A
AA
AA
A
A1
A0
A
AA
AA
A
NC/576M
NC
NC
NC
NC
NC
BWSb
BWSf
BWSe
BWSa
BWSc
BWSg
BWSd
BWSh
TMS
TDI
TDO
TCK
NC
NC
MODE
NC
CEN
VSS
NC
CLK
NC
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC/1G
VDD
NC
OE
CE3
CE1
CE2
ADV/LD
WE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
VSS
NC
VDDQ
VSS
VSS
NC
VSS
VSS
VSS
VSS
VSS
VSS
NC
VSS
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
209-ball FBGA (14 x 22 x 1.76 mm) Pinout
CY7C1464AV33 (512K x 72)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1462AV33-250BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1462AV33-250BZC CYPRESS-CY7C1462AV33-250BZC Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1462AV33-250BZXC CYPRESS-CY7C1462AV33-250BZXC Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1462AV33-250BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com