Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C67300-100AXAT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C67300-100AXAT
Description  EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67300-100AXAT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C67300-100AXAT Datasheet HTML 7Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 8Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 9Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 10Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 11Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 12Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 13Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 14Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
CY7C67300
Document #: 38-08015 Rev. *H
Page 11 of 98
Booster Interface
EZ-Host has an on chip power booster circuit for use with pow-
er supplies that range between 2.7V and 3.6V. The booster
circuit boosts the power to 3.3V nominal to supply power for
the entire chip. The booster circuit requires an external induc-
tor, diode, and capacitor. During power down mode, the circuit
is disabled to save power. Figure 6 shows how to connect the
booster circuit.
Component details:
• L1: Inductor with inductance of 10 µH and a current rating
of at least 250 mA
• D1: Schottky diode with a current rating of at least 250 mA
• C1: Tantalum or ceramic capacitor with a capacitance of at
least 2.2 µF
Figure 7 shows how to connect the power supply when the
booster circuit is not being used.
Booster Pins
Crystal Interface
The recommended crystal circuit to be used with EZ-Host is
shown in Figure 8 If an oscillator is used instead of a crystal
circuit, connect it to XTALIN and leave XTALOUT uncon-
nected. For further information about the crystal requirements,
see Table 52, Crystal Requirements on page 83.
Noted that the CLKSEL pin (pin 38) is sampled after reset to
determine what crystal or clock source frequency is used. For
normal operation, 12 MHz is required so the CLKSEL pin must
have a 47K ohm pull up resistor to VCC..
Crystal Pins
Figure 6. Power Supply Connection With Booster
Figure 7. Power Supply Connection Without Booster
BOOSTVcc
VSWITCH
VCC
AVCC
C1
D1
L1
3.3V
2.7V to 3.6V
Power Supply
BOOSTVcc
VSWITCH
VCC
AVCC
3.0V to 3.6V
Power Supply
Table 17. Charge Pump Interface Pins
Pin Name
Pin Number
BOOSTVcc
16
VSWITCH
14
Figure 8. Crystal Interface
Table 18. Crystal Pins
Pin Name
Pin Number
XTALIN
29
XTALOUT
28
Y1
C1 = 22 pF
C2 = 22 pF
CY7C67300
XTALIN
XTALOUT
12MHz
Parallel Resonant
Fundamental Mode
500uW
20-33pf ±5%


Similar Part No. - CY7C67300-100AXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results

Similar Description - CY7C67300-100AXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com