Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68000A-56BAXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C68000A-56BAXC
Description  MoBL-USB??TX2 USB 2.0 UTMI Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68000A-56BAXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C68000A-56BAXC Datasheet HTML 4Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 11Page - Cypress Semiconductor CY7C68000A-56BAXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY7C68000A
Document #: 38-08052 Rev. *F
Page 8 of 14
Absolute Maximum Ratings
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with Power Supplied .....0°C to +70°C
Supply Voltage to Ground Potential .............. –0.5V to +4.0V
DC Input Voltage to Any Input Pin ............................. 5.25 V
DC Voltage Applied to Outputs
in High-Z State ..................................... –0.5V to VCC + 0.5V
Power Dissipation ....................................................630 mW
Static Discharge Voltage ..........................................> 2000V
Max Output Current, per IO pin .................................... 4 mA
Max Output Current, all 21–IO pins ............................84 mA
Operating Conditions
TA (Ambient Temperature Under Bias) ............ 0°C to +70°C
Supply Voltage ...............................................+3.0V to +3.6V
Ground Voltage ................................................................. 0V
FOSC (Oscillator or Crystal Frequency) ... 24 MHz ± 100 ppm
................................................................... Parallel Resonant
DC Characteristics
USB 2.0 Transceiver
USB 2.0-compliant in FS and HS modes.
Table 2. DC Characteristics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage
2
5.25
V
VIL
Input Low Voltage
–0.5
0.8
V
II
Input Leakage Current
0< VIN < VCC
±10
µA
VOH
Output Voltage High
IOUT = 4 mA
2.4
V
VOL
Output Low Voltage
IOUT = –4 mA
0.4
V
IOH
Output Current High
4mA
IOL
Output Current Low
4mA
CIN
Input Pin Capacitance
Except DPLUS/DMINUS/CLK
10
pF
DPLUS/DMINUS/CLK
15
pF
CLOAD
Maximum Output Capacitance
Output pins
30
pF
ISUSP
Suspend Current
Connected[2]
228
273
µA
Disconnected[2]
835
µA
ICC
Supply Current HS Mode
Normal operation OPMOD[1:0] = 00
175
mA
ICC
Supply Current FS Mode
Normal operation OPMOD[1:0] = 00
90
mA
tRESET
Minimum Reset time
1.9
ms
Note
2. Connected to the USB includes 1.5 Kohm internal pull up. Disconnected has the 1.5 Kohm internal pull up excluded.


Similar Part No. - CY7C68000A-56BAXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000A-56BAXC CYPRESS-CY7C68000A-56BAXC Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A-56BAXC CYPRESS-CY7C68000A-56BAXC Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
More results

Similar Description - CY7C68000A-56BAXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000 CYPRESS-CY7C68000_06 Datasheet
333Kb / 14P
   TX2??USB 2.0 UTMI Transceiver
CY7C68000 CYPRESS-CY7C68000 Datasheet
237Kb / 14P
   TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
GENESYS LOGIC
GL800HT25 GENESYS-GL800HT25 Datasheet
158Kb / 20P
   USB 2.0 UTMI Compliant Transceiver IP Core
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
   MoBL-USB??FX2LP18 USB Microcontroller
CY7C68053 CYPRESS-CY7C68053_09 Datasheet
1Mb / 40P
   MoBL-USB FX2LP18 USB Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com