Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1422BV18-250BZXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1422BV18-250BZXI
Description  36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1422BV18-250BZXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1422BV18-250BZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1422BV18-250BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PRELIMINARY
CY7C1422BV18
CY7C1429BV18
CY7C1423BV18
CY7C1424BV18
Document Number: 001-07035 Rev. *B
Page 3 of 28
Logic Block Diagram (CY7C1423BV18)
1M x 18
CLK
A(19:0)
Gen.
K
K
Control
Logic
Address
Register
D[17:0]
Read Data Reg.
LD
Q[17:0]
Control
Logic
Reg.
Reg.
Reg.
18
18
36
Write
18
BWS0
VREF
Data Reg
Write
Data Reg
Memory
Array
1M x 18
Memory
Array
18
18
20
18
C
C
BWS1
R/W
LD
R/W
CQ
CQ
DOFF
Logic Block Diagram (CY7C1424BV18)
512K x 36
CLK
A(18:0)
Gen.
K
K
Control
Logic
Address
Register
D[35:0]
Read Data Reg.
LD
Q[35:0]
Control
Logic
Reg.
Reg.
Reg.
36
36
72
Write
36
BWS[3:0]
VREF
Data Reg
Write
Data Reg
Memory
Array
152K x 36
Memory
Array
36
36
19
36
C
C
R/W
LD
R/W
CQ
CQ
DOFF
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1422BV18-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1422BV18-250BZXI CYPRESS-CY7C1422BV18-250BZXI Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1422BV18-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com