Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68000A-56LFXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C68000A-56LFXC
Description  MoBL-USB??TX2 USB 2.0 UTMI Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68000A-56LFXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C68000A-56LFXC Datasheet HTML 3Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 4Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68000A-56LFXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY7C68000A
Document #: 38-08052 Rev. *F
Page 7 of 14
56
A7
ValidH
I/O
ValidH This signal indicates that the high-order eight bits of a 16-bit data
word presented on the Data bus are valid. When DataBus16_8 = 1 and
TXValid = 0, ValidH is an output, indicating that the high-order receive
data byte on the Data bus is valid. When DataBus16_8 = 1 and TXValid
= 1, ValidH is an input and indicates that the high-order transmit data byte,
presented on the Data bus by the transceiver, is valid. When
DataBus16_8 = 0, ValidH is undefined. The status of the receive low-
order data byte is determined by RXValid and are present on D0–D7.
51
A2
DataBus16_8
Input
Data Bus 16_8 This signal selects between 8- and 16-bit data transfers.
1–16-bit data path operation enabled. CLK = 30 MHz.
0–8-bit data path operation enabled. When Uni_Bidi = 0, D[8:15] are un-
defined. When Uni_Bidi =1, D[0:7] are valid on TxValid and D[8:15] are
valid on RxValid. CLK = 60 MHz
Note: DataBus16_8 is static after Power-on Reset (POR) and is only
sampled at the end of Reset.
6
H3
XTALIN
Input
N/A
Crystal Input Connect this signal to a 24 MHz parallel-resonant, funda-
mental mode crystal and 20 pF capacitor to GND.
It is also correct to drive XTALIN with an external 24 MHz square wave
derived from another clock source.
5
H2
XTALOUT
Output
N/A
Crystal Output Connect this signal to a 24 MHz parallel-resonant, funda-
mental mode crystal and 30 pF (nominal) capacitor to GND. If an external
clock is used to drive XTALIN, leave this pin open.
52
A3
Uni_Bidi
Input
Driving this pin HIGH enables the unidirectional mode when the 8-
bit interface is selected. Uni_Bidi is static after power-on reset (POR).
55
C6
VCC
Power
VCC. Connect to 3.3V power source.
17
C7
VCC
Power
N/A
VCC. Connect to 3.3V power source.
28
D7
VCC
Power
N/A
VCC. Connect to 3.3V power source.
32
E7
VCC
Power
N/A
VCC. Connect to 3.3V power source.
45
E8
VCC
Power
N/A
VCC. Connect to 3.3V power source.
53
C4
GND
Ground
N/A
Ground.
16
C5
GND
Ground
N/A
Ground.
20
C3
GND
Ground
N/A
Ground.
30
D1
GND
Ground
N/A
Ground.
42
D2
GND
Ground
N/A
Ground.
47
G6
Reserved
INPUT
Connect pin to Ground.
40
F7
Reserved
INPUT
Connect pin to Ground.
35
F2
Reserved
INPUT
Connect pin to Ground.
25
C8
Reserved
INPUT
Connect pin to Ground.
Table 1. Pin Descriptions[1] (continued)
QFN VFBGA
Name
Type
Default
Description


Similar Part No. - CY7C68000A-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000A-56LFXC CYPRESS-CY7C68000A-56LFXC Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A-56LFXC CYPRESS-CY7C68000A-56LFXC Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
More results

Similar Description - CY7C68000A-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000 CYPRESS-CY7C68000_06 Datasheet
333Kb / 14P
   TX2??USB 2.0 UTMI Transceiver
CY7C68000 CYPRESS-CY7C68000 Datasheet
237Kb / 14P
   TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
GENESYS LOGIC
GL800HT25 GENESYS-GL800HT25 Datasheet
158Kb / 20P
   USB 2.0 UTMI Compliant Transceiver IP Core
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
   MoBL-USB??FX2LP18 USB Microcontroller
CY7C68053 CYPRESS-CY7C68053_09 Datasheet
1Mb / 40P
   MoBL-USB FX2LP18 USB Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com