Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64113C-PVXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C64113C-PVXC
Description  Full-Speed USB (12-Mbps) Function
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113C-PVXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C64113C-PVXC Datasheet HTML 3Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 4Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 5Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 9Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 10Page - Cypress Semiconductor CY7C64113C-PVXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
CY7C64013C
CY7C64113C
Document #: 38-08001 Rev. *B
Page 7 of 51
2.0
Functional Overview
The CY7C64013C and CY7C64113C are 8-bit One Time Programmable microcontrollers that are designed for full-speed USB
applications. The instruction set has been optimized specifically for USB operations, although the microcontrollers can be used
for a variety of non-USB embedded applications.
GPIO
The CY7C64013C features 19 GPIO pins to support USB and other applications. The I/O pins are grouped into three ports
(P0[7:0], P1[2:0], P2[6:2], P3[2:0]) where each port can be configured as inputs with internal pull-ups, open drain outputs, or
traditional CMOS outputs. There are 16 GPIO pins (Ports 0 and 1) which are rated at 7 mA typical sink current. Port 3 pins are
rated at 12 mA typical sink current, a current sufficient to drive LEDs. Multiple GPIO pins can be connected together to drive a
single output for more drive current capacity. Additionally, each GPIO can be used to generate a GPIO interrupt to the microcon-
troller. All of the GPIO interrupts share the same “GPIO” interrupt vector.
The CY7C64113C has 32 GPIO pins (P0[7:0], P1[7:0], P2[7:0], P3[7:0])
DAC
The CY7C64113C has four programmable sink current I/O pins (DAC) pins (P4[7,2:0]). Every DAC pin includes an integrated 14-
k
Ω pull-up resistor. When a ‘1’ is written to a DAC I/O pin, the output current sink is disabled and the output pin is driven HIGH
by the internal pull-up resistor. When a ‘0’ is written to a DAC I/O pin, the internal pull-up resistor is disabled and the output pin
provides the programmed amount of sink current. A DAC I/O pin can be used as an input with an internal pull-up by writing a ‘1’
to the pin.
The sink current for each DAC I/O pin can be individually programmed to one of 16 values using dedicated Isink registers. DAC
bits P4[1:0] can be used as high-current outputs with a programmable sink current range of 3.2 to 16 mA (typical). DAC bits
P4[7,2] have a programmable current sink range of 0.2 to 1.0 mA (typical). Multiple DAC pins can be connected together to drive
a single output that requires more sink current capacity. Each I/O pin can be used to generate a DAC interrupt to the microcon-
troller. Also, the interrupt polarity for each DAC I/O pin is individually programmable.
Clock
The microcontroller uses an external 6-MHz crystal and an internal oscillator to provide a reference to an internal PLL-based
clock generator. This technology allows the customer application to use an inexpensive 6-MHz fundamental crystal that reduces
the clock-related noise emissions (EMI). A PLL clock generator provides the 6-, 12-, and 48-MHz clock signals for distribution
within the microcontroller.
Memory
The CY7C64013C and CY7C64113C have 8 KB of PROM.
Power on Reset, Watchdog and Free running Time
These parts include power-on reset logic, a Watchdog timer, and a 12-bit free-running timer. The power-on reset (POR) logic
detects when power is applied to the device, resets the logic to a known state, and begins executing instructions at PROM address
0x0000. The Watchdog timer is used to ensure the microcontroller recovers after a period of inactivity. The firmware may become
inactive for a variety of reasons, including errors in the code or a hardware failure such as waiting for an interrupt that never occurs.
I2C and HAPI Interface
The microcontroller can communicate with external electronics through the GPIO pins. An I2C-compatible interface accommo-
dates a 100-kHz serial link with an external device. There is also a Hardware Assisted Parallel Interface (HAPI) which can be
used to transfer data to an external device.
Timer
The free-running 12-bit timer clocked at 1 MHz provides two interrupt sources, 128-µs and 1.024-ms. The timer can be used to
measure the duration of an event under firmware control by reading the timer at the start of the event and after the event is
complete. The difference between the two readings indicates the duration of the event in microseconds. The upper four bits of
the timer are latched into an internal register when the firmware reads the lower eight bits. A read from the upper four bits actually
reads data from the internal register, instead of the timer. This feature eliminates the need for firmware to try to compensate if the
upper four bits increment immediately after the lower eight bits are read.
Interrupts
The microcontroller supports 11 maskable interrupts in the vectored interrupt controller. Interrupt sources include the USB Bus
Reset interrupt, the 128-µs (bit 6) and 1.024-ms (bit 9) outputs from the free-running timer, five USB endpoints, the DAC port, the
GPIO ports, and the I2C-compatible master mode interface. The timer bits cause an interrupt (if enabled) when the bit toggles
from LOW ‘0’ to HIGH ‘1.’ The USB endpoints interrupt after the USB host has written data to the endpoint FIFO or after the USB
controller sends a packet to the USB host. The DAC ports have an additional level of masking that allows the user to select which
DAC inputs can cause a DAC interrupt. The GPIO ports also have a level of masking to select which GPIO inputs can cause a
GPIO interrupt. For additional flexibility, the input transition polarity that causes an interrupt is programmable for each pin of the
DAC port. Input transition polarity can be programmed for each GPIO port as part of the port configuration. The interrupt polarity
can be rising edge (‘0’ to ‘1’) or falling edge (‘1’ to ‘0’).
[+] Feedback
[+] Feedback


Similar Part No. - CY7C64113C-PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64113C CYPRESS-CY7C64113C Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
More results

Similar Description - CY7C64113C-PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
logo
Panasonic Semiconductor
MN101E35 PANASONIC-MN101E35 Datasheet
325Kb / 3P
   Conforms to USB 2.0: Full-speed (12 Mbps) supported
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013 CYPRESS-CY7C66013 Datasheet
435Kb / 53P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C Datasheet
2Mb / 61P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_11 Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
logo
ATMEL Corporation
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com