Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1473V33-117BZI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1473V33-117BZI
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1473V33-117BZI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1473V33-117BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1473V33-117BZI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
CY7C1471V33
CY7C1473V33
CY7C1475V33
Document #: 38-05288 Rev. *J
Page 8 of 32
Pin Definitions
Name
IO
Description
A0, A1, A
Input-
Synchronous
Address Inputs used to select one of the address locations. Sampled at the rising edge
of the CLK. A[1:0] are fed to the two-bit burst counter.
BWA, BWB,
BWC, BWD,
BWE, BWF,
BWG, BWH
Input-
Synchronous
Byte Write Inputs, Active LOW. Qualified with WE to conduct writes to the SRAM.
Sampled on the rising edge of CLK.
WE
Input-
Synchronous
Write Enable Input, Active LOW. Sampled on the rising edge of CLK if CEN is active LOW.
This signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
Synchronous
Advance/Load Input. Advances the on-chip address counter or loads a new address.
When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When
LOW, a new address can be loaded into the device for an access. After being deselected,
ADV/LD should must driven LOW to load a new address.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified with
CEN. CLK is only recognized if CEN is active LOW.
CE1
Input-
Synchronous
Chip Enable 1 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE2 and CE3 to select or deselect the device.
CE2
Input-
Synchronous
Chip Enable 2 Input, Active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select or deselect the device.
CE3
Input-
Synchronous
Chip Enable 3 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE2 to select or deselect the device.
OE
Input-
Asynchronous
Output Enable, Asynchronous Input, Active LOW. Combined with the synchronous logic
block inside the device to control the direction of the IO pins. When LOW, the IO pins are
enabled to behave as outputs. When deasserted HIGH, IO pins are tri-stated, and act as
input data pins. OE is masked during the data portion of a write sequence, during the first
clock when emerging from a deselected state, when the device is deselected.
CEN
Input-
Synchronous
Clock Enable Input, Active LOW. When asserted LOW the Clock signal is recognized by
the SRAM. When deasserted HIGH the Clock signal is masked. Since deasserting CEN
does not deselect the device, use CEN to extend the previous cycle when required.
ZZ
Input-
Asynchronous
ZZ “Sleep” Input. This active HIGH input places the device in a non-time critical “sleep”
condition with data integrity preserved. During normal operation, this pin must be LOW or
left floating. ZZ pin has an internal pull down.
DQs
IO-
Synchronous
Bidirectional Data IO Lines. As inputs, they feed into an on-chip data register that is
triggered by the rising edge of CLK. As outputs, they deliver the data contained in the
memory location specified by the addresses presented during the previous clock rise of the
read cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the
pins behave as outputs. When HIGH, DQs and DQPX are placed in a tri-state condition.The
outputs are automatically tri-stated during the data portion of a write sequence, during the
first clock when emerging from a deselected state, and when the device is deselected,
regardless of the state of OE.
DQPX
IO-
Synchronous
Bidirectional Data Parity IO Lines. Functionally, these signals are identical to DQs. During
write sequences, DQPX is controlled by BWX correspondingly.
MODE
Input Strap Pin Mode Input. Selects the burst order of the device.
When tied to Gnd selects linear burst sequence. When tied to VDD or left floating selects
interleaved burst sequence.
VDD
Power Supply
Power supply inputs to the core of the device.
VDDQ
IO Power Supply Power supply for the IO circuitry.
VSS
Ground
Ground for the device.


Similar Part No. - CY7C1473V33-117BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1473V33-100AXC CYPRESS-CY7C1473V33-100AXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1473V33-100BZC CYPRESS-CY7C1473V33-100BZC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1473V33-100BZXC CYPRESS-CY7C1473V33-100BZXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1473V33-133AXC CYPRESS-CY7C1473V33-133AXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1473V33-133BZC CYPRESS-CY7C1473V33-133BZC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1473V33-117BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com