Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64013C Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C64013C
Description  Full-Speed USB (12-Mbps) Function
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64013C Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C64013C Datasheet HTML 4Page - Cypress Semiconductor CY7C64013C Datasheet HTML 5Page - Cypress Semiconductor CY7C64013C Datasheet HTML 6Page - Cypress Semiconductor CY7C64013C Datasheet HTML 7Page - Cypress Semiconductor CY7C64013C Datasheet HTML 8Page - Cypress Semiconductor CY7C64013C Datasheet HTML 9Page - Cypress Semiconductor CY7C64013C Datasheet HTML 10Page - Cypress Semiconductor CY7C64013C Datasheet HTML 11Page - Cypress Semiconductor CY7C64013C Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
CY7C64013C
CY7C64113C
Document #: 38-08001 Rev. *B
Page 8 of 51
Logic Block Diagram
Interrupt
Controller
PROM
12-bit
Timer
Reset
Watchdog
Timer
Power-On
SCLK
I2C
GPIO
PORT 1
GPIO
PORT 0
P0[7:0]
P1[2:0]
P1[7:3]
SDATA
6-MHz crystal
RAM
USB
SIE
USB
Transceiver
D+[0]
D–[0]
Upstream
USB Port
P3[2:0]
DAC
PORT
DAC[0]
DAC[2]
High Current
Outputs
CY7C64113C only
256 byte
8 KB
Clock
6 MHz
12-MHz
8-bit
CPU
*I2C-compatible interface enabled by firmware through
Interface
P3[7:3]
Additional
Outputs
High Current
PLL
12 MHz
48 MHz
Divider
GPIO/
PORT 2
P2[0,1,7]
P2[3]; Data_Ready
P2[4]; STB
P2[5]; OE
P2[6]; CS
P2[2]; Latch_Empty
HAPI
P2[1:0] or P1[1:0]
CY7C64113C only
PORT 3
GPIO
DAC[7]
[+] Feedback
[+] Feedback


Similar Part No. - CY7C64013C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013C CYPRESS-CY7C64013C Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
CY7C64013C-SXC CYPRESS-CY7C64013C-SXC Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
CY7C64013C-SXCT CYPRESS-CY7C64013C-SXCT Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
More results

Similar Description - CY7C64013C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
logo
Panasonic Semiconductor
MN101E35 PANASONIC-MN101E35 Datasheet
325Kb / 3P
   Conforms to USB 2.0: Full-speed (12 Mbps) supported
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013 CYPRESS-CY7C66013 Datasheet
435Kb / 53P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C Datasheet
2Mb / 61P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_11 Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
logo
ATMEL Corporation
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com