Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1525AV18-250BZXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1525AV18-250BZXI
Description  72-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1525AV18-250BZXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1525AV18-250BZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1525AV18-250BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PRELIMINARY
CY7C1510AV18
CY7C1525AV18
CY7C1512AV18
CY7C1514AV18
Document #: 001-06984 Rev. *B
Page 3 of 26
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
250
200
167
MHz
Maximum Operating Current
950
850
800
mA
Logic Block Diagram (CY7C1512AV18)
CLK
A(20:0)
Gen.
K
K
Control
Logic
Address
Register
D[17:0]
Read Data Reg.
RPS
WPS
Q[17:0]
Control
Logic
Address
Register
Reg.
Reg.
Reg.
18
21
18
36
18
BWS[1:0]
VREF
18
A(20:0)
21
C
C
18
Write
Reg
Write
Reg
CQ
CQ
18
DOFF
Logic Block Diagram (CY7C1514AV18)
CLK
A(19:0)
Gen.
K
K
Control
Logic
Address
Register
D[35:0]
Read Data Reg.
RPS
WPS
Q[35:0]
Control
Logic
Address
Register
Reg.
Reg.
Reg.
36
20
36
72
36
BWS[3:0]
VREF
36
A(19:0)
20
C
C
36
Write
Reg
Write
Reg
CQ
CQ
36
DOFF
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1525AV18-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1525AV18-250BZXI CYPRESS-CY7C1525AV18-250BZXI Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1525AV18-250BZXI CYPRESS-CY7C1525AV18-250BZXI Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1525AV18-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com