Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM7325-TC Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7325-TC
Description  S/UNI-ATLAS-3200 Telecom Standard Product Data Sheet Preliminary
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7325-TC Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7325-TC Datasheet HTML 1Page - PMC-Sierra, Inc PM7325-TC Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
2.4 Gbit/s ATM Layer Solution
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-1990444 (p2)
© Copyright PMC-Sierra,
Inc. 2000. All rights reserved.
March 2000
S/UNI is a registered
trademark of PMC-Sierra,
Inc. SCI-PHY is a trademark
of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Preliminary
PM7325 S/UNI®-ATLAS-3200
PACKAGING
• Provides a standard five signal
P1149.1 JTAG test port for boundary
scan board test purposes.
• Implemented in low power, 0.18
micron, 1.5 V CMOS technology with
2.5 V embedded DRAM, 2.5 V external
SRAM interface, and 3.3 V external
interfaces (excluding the SRAM
interface).
• Packaged in a 768 pin Tape Ball Grid
Array (TBGA) package.
APPLICATIONS
• Core ATM switches.
• Wide Area Network ATM Core and
Edge Switches.
• ATM Enterprise and Workgroup
Switches.
• Broadband Access Multiplexers.
TYPICAL APPLICATION
S/UNI-ATLAS-3200 OC-48 PORT CARD APPLICATION
Traffic
Manager
UTOPIA or POS-PHY (Level 3)
Ingress Direction
Egress Direction
Ingress Mode
S/UNI-ATLAS-
3200 (+SRAM)
Egress Mode
S/UNI-ATLAS-
3200 (+SRAM)
16 bit SCI PHY (Backward
Cell Interface)
PHY
Traffic
Manager
Switch
Fabric


Similar Part No. - PM7325-TC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
   2.4 Gbit/s ATM Layer Solution
More results

Similar Description - PM7325-TC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
   SBS Telecom Standard Product Data Sheet Preliminary
PM8611 PMC-PM8611 Datasheet
1Mb / 292P
   SBSLITE??Telecom Standard Product Data Sheet Preliminary
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
   NSE-8G??Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
   NSE-20G??Standard Product Data Sheet Preliminary
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
   PRELIMINARY DATA SHEET
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Lite-On Technology Corp...
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com