Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M9510S100M Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7M9510S100M
Description  IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M9510S100M Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7M9510S100M Datasheet HTML 1Page - Integrated Device Technology IDT7M9510S100M Datasheet HTML 2Page - Integrated Device Technology IDT7M9510S100M Datasheet HTML 3Page - Integrated Device Technology IDT7M9510S100M Datasheet HTML 4Page - Integrated Device Technology IDT7M9510S100M Datasheet HTML 5Page - Integrated Device Technology IDT7M9510S100M Datasheet HTML 6Page - Integrated Device Technology IDT7M9510S100M Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
1999
Integrated Device Technology, Inc.
©
IDT
IDT7M9510 / IDT7M9514
SERIAL PORTS
There are two RS232-C serial port connectors on the 7M9510 / 7M9514
which are labeled on the board as "COM1" and "COM2". The Pin #1 reference
marking on the PCB should be utilized to ensure proper orientation when
connecting adapter cables to the header.
DCD
1 2
DSR
RD
3 4
RTS
TD
5 6
CTS
DTR
7 8
RI
GND
9 10
NC
SOFTWARE MEMORY MAP
ThefollowingisthedefaultmemorymapoftheIDT7M9510/7M9514.These
values can be changed by writing to the appropriate address decode registers
intheGT-64011. ForfurtherinformationonreconfiguringtheMemoryMaprefer
to the GT-64011 Data Sheet, available from Galileo Technology.
SERIALHEADERPINOUT(COM1,COM2)
(Top View)
4095 tbl 01
4095 tbl 02
S
T
N
E
M
E
R
I
U
Q
E
R
R
E
W
O
P
M
0
8
1
S
0
1
5
9
M
7M
0
5
1
S
0
1
5
9
M
7M
0
0
1
S
0
1
5
9
M
7
n
i
Mx
a
Mn
i
Mx
a
Mn
i
Mx
a
M
c
c
V 5
V
5
7
.
4V
5
2
.
5V
5
7
.
4V
5
2
.
5V
5
7
.
4V
5
2
.
5
c
c
V 3
V
5
1
.
3V
5
4
.
3V
5
1
.
3V
5
4
.
3V
5
1
.
3V
5
4
.
3
c
c
I 5
-
-
-
-
-D
B
T-
-
-
-
-D
B
T-
-
-
-
-D
B
T
c
c
I 3
-
-
-
-
-D
B
T-
-
-
-
-D
B
T-
-
-
-
-D
B
T
1
1
0
4
6
-
T
G
s
s
e
r
d
d
A
l
a
c
i
s
y
h
P
e
z
i
Sn
o
i
t
p
i
r
c
s
e
Dt
c
e
l
e
S
e
c
i
v
e
D
0
0
0
0
0
0
0
0
x
0B
M
80
k
n
a
B
M
A
R
D-
-
-
-
-
0
0
0
0
0
8
0
0
x
0B
M
81
k
n
a
B
M
A
R
D-
-
-
-
-
0
0
0
0
0
0
0
1
x
0-
-
-
-
-O
/I
I
C
P-
-
-
-
-
0
0
0
0
0
0
2
1
x
0-
-
-
-
-0
y
r
o
m
e
M
I
C
P-
-
-
-
-
0
0
0
0
0
0
4
1
x
0-
-
-
-
-s
r
e
t
s
i
g
e
R
l
a
n
r
e
t
n
I
1
1
0
4
6
T
G-
-
-
-
-
0
0
0
0
0
C
F
1
x
0B
M
4M
O
R
P
E
t
o
o
BS
C
t
o
o
B
0
0
0
0
0
8
C
1
x
0B
M
2y
r
o
m
e
M
h
s
a
l
F1
S
C
0
E
B
0
0
2
C
1
x
0-
-
-
-
-1
M
O
C
-
t
r
o
P
l
a
ir
e
S0
S
C
0
E
F
0
0
2
C
1
x
0-
-
-
-
-2
M
O
C
-
t
r
o
P
l
a
ir
e
S0
S
C
0
0
0
0
0
0
2
F
x
0-
-
-
-
-1
y
r
o
m
e
M
1
C
P-
-
-
-
-
4095 tbl 03
L
A
T
N
E
M
N
O
R
I
V
N
E
)
C
(
.
p
m
e
T)
1
(
y
t
i
d
i
m
u
He
d
u
t
i
t
l
A
n
o
i
t
i
d
n
o
Cx
a
M
n
i
Mx
a
M
n
i
Mx
a
M
n
i
M
g
n
it
a
r
e
p
O0
5
0%
0
8
%
0
20
0
0
,
0
1
0
s
a
i
B
r
e
d
n
U0
5
0
1
-%
0
9
%
0
10
0
0
,
0
1
0
e
g
a
r
o
t
S0
6
5
2
-%
0
9
%
0
10
Notes:
1. Non-Condensing


Similar Part No. - IDT7M9510S100M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7M9510 RENESAS-IDT7M9510 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
More results

Similar Description - IDT7M9510S100M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7M9514 RENESAS-7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Broadcom Corporation.
BCM957454M4540C BOARDCOM-BCM957454M4540C Datasheet
837Kb / 21P
   Single-Port 1/10/25/40/50/100 Gb/s Ethernet PCI Express Gen3 x16 OCP Mezzanine Card
July 18, 2018
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Advantech Co., Ltd.
NMC-1012 ADVANTECH-NMC-1012 Datasheet
459Kb / 1P
   8 Ports 10GbE SFP Network Mezzanine Card
21-Mar-2022
NMC-6003 ADVANTECH-NMC-6003 Datasheet
612Kb / 1P
   2 Ports 100GbE QSFP28 Network Mezzanine Card
27-Oct-2020
NMC-2503 ADVANTECH-NMC-2503 Datasheet
458Kb / 1P
   4 Ports 25GbE SFP28 Network Mezzanine Card
21-Mar-2022
logo
Molex Electronics Ltd.
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com