Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1461AV33-133AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1461AV33-133AXI
Description  36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1461AV33-133AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1461AV33-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
CY7C1461AV33
CY7C1463AV33
CY7C1465AV33
Document #: 38-05356 Rev. *E
Page 10 of 29
provides byte write capability that is described in the truth
table. Asserting the Write Enable input (WE) with the selected
Byte Write Select input will selectively write to only the desired
bytes. Bytes not selected during a byte write operation will
remain unaltered. A synchronous self-timed write mechanism
has been provided to simplify the write operations. Byte write
capability has been included in order to greatly simplify
Read/Modify/Write sequences, which can be reduced to
simple byte write operations.
Because the CY7C1461AV33/CY7C1463AV33/CY7C1465AV33
is a common I/O device, data should not be driven into the
device while the outputs are active. The Output Enable (OE)
can be deasserted HIGH before presenting data to the DQs
and DQPX inputs. Doing so will tri-state the output drivers. As
a safety precaution, DQs and DQPX are automatically
tri-stated during the data portion of a write cycle, regardless of
the state of OE.
Burst Write Accesses
The CY7C1461AV33/CY7C1463AV33/CY7C1465AV33 has
an on-chip burst counter that allows the user the ability to
supply a single address and conduct up to four Write opera-
tions without reasserting the address inputs. ADV/LD must be
driven LOW in order to load the initial address, as described
in the Single Write Access section above. When ADV/LD is
driven HIGH on the subsequent clock rise, the Chip Enables
(CE1, CE2, and CE3) and WE inputs are ignored and the burst
counter is incremented. The correct BWX inputs must be
driven in each cycle of the burst write, in order to write the
correct bytes of data.
.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive
for the duration of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
100
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table[2,3,4,5,6,7,8]
Operation
Address
Used
CE1 CE2 CE3 ZZ ADV/LD WE BWX OE
CEN
CLK
DQ
Deselect Cycle
None
H
X
X
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
X
H
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
L
X
L
L
X
X
X
L
L->H
Tri-State
Continue Deselect Cycle
None
X
X
X
L
H
X
X
X
L
L->H
Tri-State
Read Cycle (Begin Burst)
External
L
H
L
L
L
H
X
L
L
L->H Data Out (Q)
Read Cycle (Continue Burst)
Next
X
X
X
L
H
X
X
L
L
L->H Data Out (Q)
Notes:
2. X = “Don't Care.” H = Logic HIGH, L = Logic LOW. BWx = L signifies at least one Byte Write Select is active, BWx = Valid signifies that the desired byte write
selects are asserted, see truth table for details.
3. Write is defined by BWX, and WE. See truth table for Read/Write.
4. When a write cycle is detected, all I/Os are tri-stated, even during byte writes.
5. The DQs and DQPX pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. CEN = H, inserts wait states.
7. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQPX = Tri-state when OE
is inactive or when the device is deselected, and DQs and DQPX = data when OE is active.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1461AV33-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
1Mb / 31P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1461AV33-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33 Datasheet
1Mb / 31P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com