Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1462AV25-167AXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1462AV25-167AXI
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1462AV25-167AXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1462AV25-167AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1462AV25-167AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
36-Mbit (1M x 36/2M x 18/512K x 72)
Pipelined SRAM with NoBL™ Architecture
CY7C1460AV25
CY7C1462AV25
CY7C1464AV25
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05354 Rev. *D
Revised June 22, 2006
Features
• Pin-compatible and functionally equivalent to ZBT™
• Supports 250-MHz bus operations with zero wait states
— Available speed grades are 250, 200 and 167 MHz
• Internally self-timed output buffer control to eliminate
the need to use asynchronous OE
• Fully registered (inputs and outputs) for pipelined
operation
• Byte Write capability
• 2.5V core power supply
• 2.5V/1.8V I/O power supply
• Fast clock-to-output times
— 2.6 ns (for 250-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• CY7C1460AV25, CY7C1462AV25 available in
JEDEC-standard lead-free 100-pin TQFP package,
lead-free and non-lead-free 165-ball FBGA package.
CY7C1464AV25 available in lead-free and non-lead-free
209-ball FBGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• Burst capability—linear or interleaved burst order
• “ZZ” Sleep Mode option and Stop Clock option
Functional Description
The CY7C1460AV25/CY7C1462AV25/CY7C1464AV25 are
2.5V, 1M x 36/2M x 18/512 x 72 Synchronous pipelined burst
SRAMs with No Bus Latency™ (NoBL
™) logic, respectively.
They are designed to support unlimited true back-to-back
Read/Write
operations
with
no
wait
states.
The
CY7C1460AV25/CY7C1462AV25/CY7C1464AV25
are
equipped with the advanced (NoBL) logic required to enable
consecutive Read/Write operations with data being trans-
ferred on every clock cycle. This feature dramatically improves
the throughput of data in systems that require frequent
Write/Read
transitions.
The
CY7C1460AV25/CY7C1462AV25/CY7C1464AV25
are
pin-compatible and functionally equivalent to ZBT devices.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock. The
clock input is qualified by the Clock Enable (CEN) signal,
which when deasserted suspends operation and extends the
previous clock cycle. Write operations are controlled by the
Byte
Write
Selects
(BWa–BWh
for
CY7C1464AV25,
BWa–BWd
for
CY7C1460AV25
and
BWa–BWb
for
CY7C1462AV25) and a Write Enable (WE) input. All writes are
conducted with on-chip synchronous self-timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output three-state control. In order to avoid bus
contention, the output drivers are synchronously three-stated
during the data portion of a write sequence.
A0, A1, A
C
MODE
BWa
BWb
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPa
DQPb
DQPc
DQPd
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
C
ADV/LD
ADV/LD
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
E
CLK
CEN
WRITE
DRIVERS
BWc
BWd
ZZ
SLEEP
CONTROL
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
Logic Block Diagram–CY7C1460AV25 (1M x 36)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1462AV25-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1462AV25-167 CYPRESS-CY7C1462AV25-167 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1462AV25-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com