Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1471V33 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1471V33
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1471V33 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1471V33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CY7C1471V33
CY7C1473V33
CY7C1475V33
Document #: 38-05288 Rev. *J
Page 10 of 32
The data written during the write operation is controlled by
BWX signals. The CY7C1471V33, CY7C1473V33, and
CY7C1475V33 provides Byte Write capability that is described
in the “Truth Table for Read/Write” on page 12. The input WE
with the selected BWX input selectively writes to only the
desired bytes. Bytes not selected during a Byte Write
operation remain unaltered. A synchronous self timed write
mechanism has been provided to simplify the write operations.
Byte write capability is included to greatly simplify
read/modify/write sequences, which can be reduced to simple
byte write operations.
Because
the
CY7C1471V33,
CY7C1473V33,
and
CY7C1475V33 are common IO devices, data must not be
driven into the device while the outputs are active. The Output
Enable (OE) can be deasserted HIGH before presenting data
to the DQs and DQPX inputs. Doing so tri-states the output
drivers. As a safety precaution, DQs and DQPX are automati-
cally tri-stated during the data portion of a write cycle,
regardless of the state of OE.
Burst Write Accesses
The CY7C1471V33, CY7C1473V33, and CY7C1475V33
have an on-chip burst counter that enables the user to supply
a single address and conduct up to four write operations
without reasserting the address inputs. ADV/LD must be
driven LOW to load the initial address, as described in the
Single Write Access section. When ADV/LD is driven HIGH on
the subsequent clock rise, the Chip Enables (CE1, CE2, and
CE3) and WE inputs are ignored and the burst counter is incre-
mented. The correct BWX inputs must be driven in each cycle
of the burst write to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected before entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive
for the duration of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
120
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns


Similar Part No. - CY7C1471V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100AXC CYPRESS-CY7C1471V33-100AXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100BZC CYPRESS-CY7C1471V33-100BZC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100BZXC CYPRESS-CY7C1471V33-100BZXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-133AXC CYPRESS-CY7C1471V33-133AXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1471V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com