Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7206L40PGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7206L40PGI
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7206L40PGI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7206L40PGI Datasheet HTML 1Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 2Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 3Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 4Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 5Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 6Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 7Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 8Page - Integrated Device Technology IDT7206L40PGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
APRIL 3, 2006
IDT7203(1)
IDT7203
IDT7204(1)
IDT7204
Commercial and Industrial
Military(3)
tA = 12, 15, 20, 25, 35, 50 ns
tA = 20, 30, 40 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI(6)
Input Leakage Current (Any Input)
–1
1
–1
1
µA
ILO(7)
OutputLeakageCurrent
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1(8,9,10)
Active Power Supply Current
120
150
mA
ICC2(8,10,11)
Standby Current (
R=W=RS=FL/RT=VIH)
——12
25
mA
ICC3(8,10,12)
Power Down Current
2
4
mA
AC TEST CONDITIONS
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grades are available
as a standard device.
2. Industrial temperature range product for 25ns speed grade only is available as a standard
device. All other speed grades are available by special order.
3. Military temperature range product for the 40ns is only available for 7203.
4. Commercial temperature range product for the 12ns not available.
5. Commercial temperature range product for the 12ns, 15ns and 50ns not available.
IDT7205(2)
IDT7205
IDT7206(2,4)
IDT7206
IDT7207(2,4)
IDT7207
IDT7208(2,5)
Commercial and Industrial
Military
tA = 12, 15, 20, 25, 35, 50 ns
tA = 20, 30 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI(6)
Input Leakage Current (Any Input)
–1
1
–1
1
µA
ILO(7)
OutputLeakageCurrent
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1(8,9,10)
Active Power Supply Current
120
150
mA
ICC2(8,10,11)
Standby Current (
RS=FL/RT=VIH)—
12
25
mA
ICC3(8,10,12)
Power Down Current
8
12
mA
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
1.1K
30pF*
680
5V
D.U.T.
or equivalent circuit
2661 drw03
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
6. Measurements with 0.4
≤ VIN ≤ VCC.
7.
R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
8. Tested with outputs open (IOUT = 0).
9.
R and W toggle at 20 MHz and data inputs switch at 10 MHz.
10. ICC measurements are made with outputs open.
11. All Inputs = VCC - 0.2V or GND + 0.2V, except
R and W, which toggle at 20MHz.
12. All Inputs = VCC - 0.2V or GND + 0.2V, except
R and W = VCC -0.2V.
CAPACITANCE(1) (T
A
= +25
°C, f = 1.0 MHz)
NOTES:
1. This parameter is sampled and not 100% tested.
2. With output deselected.
Symbol
Parameter
Condition
Max.
Unit
CIN(1)
InputCapacitance
VIN = 0V
10
pF
COUT(1,2)
OutputCapacitance
VOUT = 0V
10
pF
Figure 1. Output Load
*Includes jig and scope capacitances.


Similar Part No. - IDT7206L40PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7206L40P IDT-IDT7206L40P Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT7206L40PB IDT-IDT7206L40PB Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
More results

Similar Description - IDT7206L40PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com