Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1472V33 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1472V33
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1472V33 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1472V33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1472V33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CY7C1470V33
CY7C1472V33
CY7C1474V33
Document #: 38-05289 Rev. *I
Page 2 of 29
A0, A1, A
C
MODE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPa
DQPb
DQPc
DQPd
DQPe
DQPf
DQPg
DQPh
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
C
ADV/LD
ADV/LD
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
E
CLK
CEN
WRITE
DRIVERS
BWa
BWb
WE
ZZ
Sleep
Control
BWc
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BWd
BWe
BWf
BWg
BWh
Logic Block Diagram-CY7C1474V33 (1M x 72)
A0, A1, A
C
MODE
BWa
BWb
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPa
DQPb
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
C
ADV/LD
ADV/LD
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
E
CLK
CEN
WRITE
DRIVERS
ZZ
Sleep
Control
Logic Block Diagram-CY7C1472V33 (4M x 18)
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
3.0
3.0
3.4
ns
Maximum Operating Current
500
500
450
mA
Maximum CMOS Standby Current
120
120
120
mA
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1472V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1472V33 CYPRESS-CY7C1472V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472V33 CYPRESS-CY7C1472V33 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1472V33-167AXC CYPRESS-CY7C1472V33-167AXC Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472V33-167AXI CYPRESS-CY7C1472V33-167AXI Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472V33-167BZC CYPRESS-CY7C1472V33-167BZC Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1472V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_09 Datasheet
890Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com