Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1445AV33-167AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1445AV33-167AXI
Description  36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1445AV33-167AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1445AV33-167AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1445AV33-167AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CY7C1444AV33
CY7C1445AV33
Document #: 38-05352 Rev. *E
Page 8 of 27
Pin Configurations (continued)
165-ball FBGA (15 x 17 x 1.4 mm) Pinout
CY7C1444AV33 (1M x 36)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC/144M
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
BWE
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
A
NC/72M
VDDQ
BWD
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A
NC/576M
VSS
VDDQ
NC/1G
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
A0
A
VSS
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC/144M
NC
NC
DQPB
NC
DQB
A
CE1
NC
CE3
BWB
BWE
A
CE2
NC
DQB
DQB
MODE
NC
DQB
DQB
NC
NC
NC
A
NC/72M
VDDQ
NC
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
‘VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQB
VSS
NC
VSS
DQB
NC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQB
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
A
OE
ADSP
A
NC/576M
VSS
VDDQ
NC/1G
DQPA
VDDQ
VDD
NC
DQA
DQA
NC
NC
NC
DQA
NC
VDD
VDDQ
VDD
VDDQ
DQA
VDD
NC
VDD
NC
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQA
NC
NC
ZZ
DQA
NC
NC
DQA
A
VDDQ
A
A
A
CY7C1445AV33 (2M x 18)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1445AV33-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1445AV33 CYPRESS-CY7C1445AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1445AV33 CYPRESS-CY7C1445AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1445AV33-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com