Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441AV25-133BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1441AV25-133BZC
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441AV25-133BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1441AV25-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1441AV25-133BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C1441AV33
CY7C1443AV33
CY7C1447AV33
Document #: 38-05357 Rev. *F
Page 8 of 31
DQPX
I/O-
Synchronous
Bidirectional Data Parity I/O Lines. Functionally, these signals are identical
to DQs. During write sequences, DQPx is controlled by BW[A:H] correspond-
ingly.
MODE
Input-Static
Selects Burst Order. When tied to GND selects linear burst sequence. When
tied to VDD or left floating selects interleaved burst sequence. This is a strap
pin and should remain static during device operation. Mode Pin has an internal
pull-up.
VDD
Power Supply
Power supply inputs to the core of the device.
VDDQ
I/O Power Supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the core of the device.
VSSQ
I/O Ground
Ground for the I/O circuitry.
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of
TCK. If the JTAG feature is not being utilized, this pin should be left uncon-
nected. This pin is not available on TQFP packages.
TDI
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the
JTAG feature is not being utilized, this pin can be left floating or connected to
VDD through a pull up resistor. This pin is not available on TQFP packages.
TMS
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the
JTAG feature is not being utilized, this pin can be disconnected or connected
to VDD. This pin is not available on TQFP packages.
TCK
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature is not being utilized,
this pin must be connected to VSS. This pin is not available on TQFP
packages.
NC
-
No Connects. Not internally connected to the die. 72M, 144M and 288M are
address expansion pins are not internally connected to the die.
NC/72M, NC/144M,
NC/288M, NC/576M
NC/1G
-
No Connects. Not internally connected to the die. NC/72M, NC/144M,
NC/288M, NC/576M and NC/1G are address expansion pins are not internally
connected to the die.
Pin Definitions (continued)
Name
I/O
Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1441AV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV25-133BZC CYPRESS-CY7C1441AV25-133BZC Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
More results

Similar Description - CY7C1441AV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com