Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UXB02070F3TCU00 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UXB02070F3TCU00
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXB02070F3TCU00 Datasheet(HTML) 2 Page - Vishay Siliconix

  UXB02070F3TCU00 Datasheet HTML 1Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 2Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 3Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 4Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 5Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 6Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 7Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 8Page - Vishay Siliconix UXB02070F3TCU00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 28726
For technical questions, contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 21-Aug-07
85
UXA 0204, UXB 0207, UXE 0414
High Precision Leaded Resistors
Vishay Beyschlag
12NC INFORMATION
Components may be ordered by using either a simple clear
text ordering code, see “Type Description and Ordering
Code” or Vishay BCcomponents’ unique 12NC.
Numeric Ordering Code (12NC)
• The resistors have a 12-digit Part Number starting with
2312.
• The subsequent 4 digits indicate the resistor type,
specification and packaging; see the 12NC Part Number
table.
• The remaining 4 digits indicate the resistance value:
– The first 3 digits indicate the resistance value.
– The last digit indicates the resistance decade in
accordance with the 12NC Indicating Resistance
Decade table.
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The Part Number of a UXA 0204 resistor, value 47 k
Ω and
TCR 10 with ± 0.1 % tolerance, supplied on bandolier in a
box of 1000 units is: 2312 662 34703.
Note:
(1) Readable 12NC coding of resistance values is restricted to values with three significant digits. For resistance values with more than three
significant digits, a non readable sequential number will be issued by the factory for each requested combination of resistance value and
tolerance.
RESISTANCE DECADE
LAST DIGIT
10
Ω to 99.9 Ω
9
100
Ω to 999 Ω
1
1 k
Ω to 9.99 kΩ
2
10 k
Ω to 99.9 kΩ
3
100 k
Ω to 999 kΩ
4
12NC PART NUMBER - resistor type and packaging
DESCRIPTION
ORDERING CODE 2312 ... .....
BANDOLIER
IN BOX
BANDOLIER
IN BOX
BANDOLIER
ON REEL
BANDOLIER
ON REEL
BANDOLIER
ON REEL
TYPE
TCR
TOL.
CU 100 units
C1 1000 units
R1 1000 units
R2 2500 units
RP 5000 units
UXA 0204
± 10 ppm/K
± 0.25 %
562 2....
662 2....
462 2....
-
-
± 0.1 %
562 3....
662 3....
462 3....
-
-
± 0.05 %
562 4....
662 4....
462 4....
-
-
± 0.01 %
562 7....
662 7....
462 7....
-
-
(1)
562 91...
662 91...
462 91...
-
-
± 05 ppm/K
± 0.25 %
563 2....
663 2....
463 2....
-
-
± 0.1 %
563 3....
663 3....
463 3....
-
-
± 0.05 %
563 4....
663 4....
463 4....
-
-
± 0.01 %
563 7....
663 7....
463 7....
-
-
(1)
563 91...
663 91...
463 91...
-
-
± 02 ppm/K
± 0.25 %
564 2....
664 2....
464 2....
-
-
± 0.1 %
564 3....
664 3....
464 3....
-
-
± 0.05 %
564 4....
664 4....
464 4....
-
-
± 0.01 %
564 7....
664 7....
464 7....
-
-
(1)
564 91...
664 91...
464 91...
-
-
UXB 0207
± 10 ppm/K
± 0.25 %
572 2....
672 2....
472 2....
-
577 2....
± 0.1 %
572 3....
672 3....
472 3....
-
577 3....
± 0.05 %
572 4....
672 4....
472 4....
-
577 4....
± 0.01 %
572 7....
672 7....
472 7....
-
577 7....
(1)
572 91...
672 91...
472 91...
-
577 91...
± 05 ppm/K
± 0.25 %
573 2....
673 2....
473 2....
-
578 2....
± 0.1 %
573 3....
673 3....
473 3....
-
578 3....
± 0.05 %
573 4....
673 4....
473 4....
-
578 4....
± 0.01 %
573 7....
673 7....
473 7....
-
578 7....
(1)
573 91...
673 91....
473 91...
-
578 91...
± 02 ppm/K
± 0.25 %
574 2....
674 2....
474 2....
-
579 2....
± 0.1 %
574 3....
674 3....
474 3....
-
579 3....
± 0.05 %
574 4....
674 4....
474 4....
-
579 4....
± 0.01 %
574 7....
674 7....
474 7....
-
579 7....
(1)
574 91...
674 91...
474 91...
-
579 91...
UXE 0414
± 10 ppm/K
± 0.1 %
592 3....
692 3....
-
597 3....
-
± 0.05 %
592 4....
692 4....
-
597 4....
-
(1)
592 91...
692 91...
-
597 91...
-
± 05 ppm/K
± 0.1 %
593 3....
693 3....
-
598 3....
-
± 0.05 %
593 4....
693 4....
-
598 4....
-
(1)
593 91...
693 91...
-
598 91...
-


Similar Part No. - UXB02070F3TCU00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UXB2-7 ETC2-UXB2-7 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - UXB02070F3TCU00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com